Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2N7002F
Description  TrenchMOS Logic Level FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N7002F Datasheet(HTML) 1 Page - NXP Semiconductors

  2N7002F Datasheet HTML 1Page - NXP Semiconductors 2N7002F Datasheet HTML 2Page - NXP Semiconductors 2N7002F Datasheet HTML 3Page - NXP Semiconductors 2N7002F Datasheet HTML 4Page - NXP Semiconductors 2N7002F Datasheet HTML 5Page - NXP Semiconductors 2N7002F Datasheet HTML 6Page - NXP Semiconductors 2N7002F Datasheet HTML 7Page - NXP Semiconductors 2N7002F Datasheet HTML 8Page - NXP Semiconductors 2N7002F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2N7002F
TrenchMOS™ Logic Level FET
Rev. 01 — 11 February 2002
Product data
M3D088
1.
Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™1 technology.
Product availability:
2N7002F in SOT23.
2.
Features
s TrenchMOS™ technology
s Very fast switching
s Logic level compatible
s Subminiature surface mount package.
3.
Applications
s Relay driver
s High speed line driver
s Logic level translator.
4.
Pinning information
1.
TrenchMOS is a trademark of Koninklijke Philips Electronics N.V.
Table 1:
Pinning - SOT23, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT23
2
source (s)
3
drain (d)
12
3
03ab44
d
g
s
03ab30


Similar Part No. - 2N7002F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002F NXP-2N7002F Datasheet
100Kb / 12P
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 03-28 April 2006
2N7002F215 NXP-2N7002F215 Datasheet
100Kb / 12P
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 03-28 April 2006
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N7002F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
TrenchMOS??logic level FET
Rev. 02-18 May 2001
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
TrenchMOS??logic level FET
Rev. 01-28 March 2002
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
TrenchMOS logic level FET
logo
Nexperia B.V. All right...
PMN40LN NEXPERIA-PMN40LN Datasheet
365Kb / 13P
TrenchMOS??logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com