Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-DUALCON3 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SC-DUALCON3
Description  Isolating Signal Converter - 2 Outputs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SC-DUALCON3 Datasheet(HTML) 1 Page - Cynergy3 Co

  SC-DUALCON3 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2018 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
SC-DUALCON3 2018
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Made in the UK
SC-DUALCON3
Isolating Signal Converter - 2 Outputs
90-264Vac power supply
Selectable mA or Voltage output
Isolated Transmitter Supply
Very High Accuracy, Low Cost
Only 17.5mm Wide on DIN rail
Universal Configurable Input
2 Configurable Outputs, full 3-port isolation
The SC-DUALCON3 Isolating Signal
Converter can accept a wide range of
inputs including 4-20mA, thermocouple,
RTD and voltage signals. The units produce
two high level DC outputs of either voltage
or current.
Full 3 port isolation is standard as is an
isolated transmitter supply which can be
used to power any standard 2-wire
4-20mA transmitter.
The input type and range can be user
selected using simple DIL switches inside
the unit. All RTD and Thermocouple inputs
can be fully linearised.
Non-interactive zero and span controls
make adjustment of the unit quick and
simple.
Other features include optional inversion of
the input signal, on either one or both of the
outputs
The unit operates from any supply from 90
to 264 Vac
For specials such as averaging of the input
signal, custom linearisation etc please
contact the sales office.
Inputs
DC Current & Voltage
0-20mA, 4-20mA, 0-10mA into 15
Ω
0-1V, 0-10V, 1-5V into 1M
Ω
Min & Max Full Scale Ranges are:
* Note: For input voltages greater than 60Vdc a Divider unit must be specified.
Thermocouples
Types E,J,K,N,R,S,T,B linearised or non-linearised. Ranges: Wide range of inputs. Cold junction compensation
(can be turned off). Upscale or downscale t/c burnout options
Resistance Thermometers
2, 3 or 4 wire PT100 or PT1000, linearised or non-linearised. Ranges: Wide range of inputs.
Upscale or downscale RTD burnout options.
Technical Specifications
Parameter
Min
Typ
Max
Comments
Supply Voltage (Vac)
90
264
50 or 60 Hz
VA Rating
4.7VA±10%
20mA in & out & transmitter supply
Volt Drop (mA input)
0.3
At 20mA Input
Input Impedance (Volt)
1M
100M
Dependant on range (typ=10V)
ΩΩ
Input Impedance (mA)
15
Dependant on range (typ=20mA)
Ω
Output Linearity Error
±0.01%
0.05%
±
Temp Coefficient
±50ppm/ºC
Load Resistance Error
±5ppm/
0 < RL < 750
ΩΩ
Time Constant (10-90%) 25mS
60mS
Selectable fast/normal response
Operating Ambient
0ºC
55ºC
Relative Humidity
0%
90%
Isolation Voltage
1kV
see note
Surge Voltage
2.5kV for 50µS
Transient of 10kV/µS
Notes
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur.
Device is protected against reverse polarity connection.
Accuracy figures based on 110Vac supply, 2 x 4-20mA outputs with 250
load and an ambient 20ºC.
Ω
SC-DUALCON3 does NOT provide safety isolation when the input is connected to the mains.
Installation Data
Mounting
DIN Rail TS35
Orientation
Any
Connections
Screw Clamp with pressure plate
Conductor Size
0.5-4.0mm
Insulation Stripping 12mm
Weight
Approx 115g
Ordering Information
Part No.: SC-DUALCON3
DC Current
0 - 1mA
0 - 5A
Bipolar DC Current
±5mA
±10mA
DC Voltage
0 - 1V
0 - 300V*
Bipolar DC Voltage
±5V
±10V
2 Wire Pot
0 - 125Ω
0 - 1kΩ
3 Wire Pot
0 - 1kΩ
0 - 100kΩ
Outputs
DC Current and Voltage
0-20mA, 4-20mA, 0-10mA into 750
Ω
0-1V, 0-10V, 1-5V into a minimum 100k
Ω
Others available up to a maximum of:
Current: 0-20mA. Voltage: 0-20Vdc
Connection Details
1. Power supply -ve
2. Power supply +ve
4. Process Input -ve T/C -ve RTD -ve
5. Process Input +ve T/C +ve RTD +ve
3. Trans supply +ve RTD 4 wire
th
6. T/C Shield RTD 3 wire
rd
10. Output 2 -ve 7. Output 1 -ve
12. Output 2 +ve 9. Output 1 +ve


Similar Part No. - SC-DUALCON3

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SC-DUALCON6 CYNERGY3-SC-DUALCON6 Datasheet
172Kb / 1P
Isolating Signal Converter - 2 Outputs
More results

Similar Description - SC-DUALCON3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TII13-EX MORNSUN-TII13-EX Datasheet
190Kb / 2P
ANALOG SIGNAL ISOLATING DETECTION BARRIER
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-DUALCON6 CYNERGY3-SC-DUALCON6 Datasheet
172Kb / 1P
Isolating Signal Converter - 2 Outputs
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
logo
G.M. International
D1064 GMI-D1064 Datasheet
274Kb / 2P
SIL 2 Load Cell/Strain Gauge Bridge Isolating Converter DIN-Rail Model D1064S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com