Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLF77YNP Datasheet(PDF) 1 Page - Cynergy3 Co

Part # LLF77YNP
Description  Compact, External Fitting, Low Level, Low S.G. Float Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LLF77YNP Datasheet(HTML) 1 Page - Cynergy3 Co

  LLF77YNP Datasheet HTML 1Page - Cynergy3 Co LLF77YNP Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2018 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
LLF
Series
70
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
LLF70 2018
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The LLF70 series is designed for fitting
through a tank wall from th outside,
e
where access to the inside for fitting is not
possible.
These devices are particularly suitable for
detecting low levels of liquids in the
bottom of tanks and containers, and for
lower SG liquids. Typical applications
include vending machines, commercial
dishwashers and auxiliary tanks on
vehicles.
These are manufactured in a variety of
plastics, with a choice of gasket materials,
to suit most commonly used liquids.
The switch action may be reversed by
mounting the device with the float able to
move upwards away from the body, instead
of the more normal downwards direction.
Available with either flying leads or M12
socket for electrical connection. Cable
sets with M12 plugs are also available.
Custom versions can be made for
particular applications. Please contact
Cynergy3 with your requirements.
Flying Lead or M12 plug connection
Compression seal fitting
Available in Nylon, Polypropylene, PPS & PVDF
Many variants are
recognised components File No. E171218
UL
Technical Specification
LLF73
LLF74
LLF78
76
LLF77
LLF
Material
Nylon
Polypropylene
Polypropylene
Polyphenylene
Polyvinylidene
approved
approved
Sulphide (
)
Fluoride (PVDF)
WRAS
UL
PPS
Colour
Black
Opaque
White
Grey
Green
Temp. Range
C
-20 / +75
-20 / +100
-20 / +100
-10 / +120*
°
-10 / +105
°F*
-4 ./ +167
-4 / +212
-4 / +212
+14 / +248
-14
21
/ +2
Min. Fluid SG
0.
0.
0.
0.
7
777
0.7
Must close level (
=1)
mm
mm
mm
mm
SG
1
1
1
1
1mm
Must open level (
=1)
0mm
0mm
0mm
mm
SG
1
1
1
10
10mm
* ETFE cable needs to be selected in order to achieve the maximum temperature rating
Electrical Specification
25W (Y code)
100W (H code)
Contact Form
N/O (N/C)
N/O (N/C)
Switching Power Max
25
100
VA
Switching Voltage
Max
V
240
300
AC
Switching Voltage
Max
V
120
300
DC
Switching Current Max
A
0.6
1
All ratings are for resistive load only.
Standard Parts Material
Max Power
Leadouts
Gasket
Approvals
73H100
Nylon
100
100cm
16/0.2
Nitrile
LLF
RN
VA
PVC
WRAS
73Y100
Nylon
25
100cm
16/0.2
Nitrile
LLF
RN
VA
PVC
WRAS
Silicone
LL
M
F
R
VA
PVC
WRAS
73Y100
Nylon
25
100cm
16/0.2
74H100
Polypropylene
100
100cm
16/0.2
Nitrile
LLF
RN
VA
PVC
WRAS
74Y100
Polypropylene
25
100cm
16/0.2
Nitrile
LLF
RN
VA
PVC
WRAS
Silicone
LL
M
F
R
VA
PVC
WRAS
74Y100
Polypropylene
25
100cm
16/0.2
76H100
100
100cm
16/0.2
Nitrile
&
LLF
RN
PPS
VA
PVC
WRAS
UL
76Y100
25
100cm
16/0.2
Nitrile
&
LLF
RN
PPS
VA
PVC
WRAS
UL
LLF77Y100GN
PVDF
25VA
100cm PTFE 7/0.2
Nitrile
UL
LLF77H100GN
PVDF
100VA
100cm PTFE 7/0.2
Nitrile
UL
LLF77Y100GV
PVDF
25VA
100cm PTFE 7/0.2
Viton
UL
LLF77H100GV
PVDF
100VA
100cm PTFE 7/0.2
Viton
UL
78H100
( )
100
100cm
16/0.2
Nitrile
LLF
RN
PP UL
VA
PVC
UL
78Y100
( )
25
100cm
16/0.2
Nitrile
LLF
RN
PP UL
VA
PVC
UL
73
Nylon
100
M12 connection
Nitrile
LLF HNP
VA
WRAS
73
Nylon
25
M12 connection
Nitrile
LLF YNP
VA
WRAS
74
Polypropylene
100
M12 connection
Nitrile
LLF HNP
VA
WRAS
74
Polypropylene
25
M12 connection
Nitrile
LLF YNP
VA
WRAS
76
100
M12 connection
Nitrile
&
LLF HNP
PPS
VA
WRAS
UL
76
25
M12 connection
Nitrile
&
LLF YNP
PPS
VA
WRAS
UL
LLF77HNP
PVDF
100VA
M12 connection
Nitrile
UL
LLF77YNP
PVDF
25VA
M12 connection
Nitrile
UL
LLF77HVP
PVDF
100VA
M12 connection
Viton
UL
LLF77YVP
PVDF
25VA
M12 connection
Viton
UL
78
( )
100
M12 connection
Nitrile
LLF HNP
PP UL
VA
UL
LLF YNP
PP UL
VA
UL
78
( )
25
M12 connection
Nitrile
25
& 100
versions available
VA
VA
www.cynergy3.com
Made in the UK
Very low level sensing
Class leading compact design
Suitable for low specific gravity liquids (0.7 S.G.)
Many variants have WRAS and /or UL approval
Compact
xternal itting
, E
F
, Low Level, Low S.G. Float Switch


Similar Part No. - LLF77YNP

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
LLF CYNERGY3-LLF Datasheet
402Kb / 1P
Vertical Fast Lift Float switches
logo
Richco, Inc.
LLF-3 RICHCO-LLF-3 Datasheet
313Kb / 1P
LEG LEVELING FOOT
logo
LinkCom Manufacturing C...
LLF0097-50 LINKCOM-LLF0097-50 Datasheet
216Kb / 3P
Signal Chokes for Data and Telecom Applications
logo
Schneider Electric
LLF36400U31XRD12 SCHNEIDER-LLF36400U31XRD12 Datasheet
115Kb / 2P
Circuit breaker, PowerPact L, Micrologic 3.3, 400A, 3 poles, 600 V, 50 kA, 80% rated, rotary handle
Sep 25, 2020
LLF37060D33 SCHNEIDER-LLF37060D33 Datasheet
64Kb / 2P
Circuit breaker, PowerPact L, adjustable magnetic trip, 600A, 3 poles, 500 VDC, 50 kA
Sep 25, 2020
More results

Similar Description - LLF77YNP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
Liquid level float switch
logo
Cynergy3 Co
RSF70 CYNERGY3-RSF70 Datasheet
453Kb / 1P
compact external fitting with compression seal
logo
Magnetrol International...
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
External Cage Float Actuated Liquid Level Switches
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
T10 Float Level Switch
logo
Cynergy3 Co
SSF212 CYNERGY3-SSF212 Datasheet
379Kb / 1P
compact external fitting with npt taper thread
SSF217 CYNERGY3-SSF217 Datasheet
54Kb / 1P
Compact external fitting float switch via BSP thread
SSH66XE34 CYNERGY3-SSH66XE34 Datasheet
953Kb / 1P
Switch for 3/4NPT External Fitting
SSF212X100-14G CYNERGY3-SSF212X100-14G Datasheet
329Kb / 1P
Compact Horizontal Stainless Steel Floatswitch NPT External Fitting
SSH66XE CYNERGY3-SSH66XE Datasheet
953Kb / 1P
Switch for 3/4 NPT External Fitting
LLF40 CYNERGY3-LLF40 Datasheet
109Kb / 2P
Compact Internal Fitting, Low Level, Low S.G. Float Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com