Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-SLIMCON6 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SC-SLIMCON6
Description  Isolating Signal Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SC-SLIMCON6 Datasheet(HTML) 1 Page - Cynergy3 Co

  SC-SLIMCON6 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2017 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
SC-SLIMCON6 2017
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Made in the UK
SC-SLIMCON6
Isolating Signal Converter
Zero & Span Pots for Output
Fast Time Response
Only 6.8 mm Wide
Wide Range of Inputs Available
Full 3-Port Isolation
High Accuracy, Low Cost
The SC-SLIMCON6 Isolating Signal
Converter can accept a range of inputs
including 4-20mA and voltage signals. The
unit produces a high level DC output of
either voltage or current.
Full 3 port isolation is standard on the
product range.
The SC-SLIMCON6 can be configured to
accept a current or voltage input and
provides a current or voltage output.
The input and output of the unit can also be
reconfigured using the built in switches
together with the zero and span adjustment
potentiometers.
The unit is powered from 24Vdc nominal.
Inputs
Standard ranges are shown below :-
SC-SLIMCON6 for DC Current & Voltage
0-20mA, 4-20mA, 0-10mA into 5 /11
ΩΩ
0-10V, 1-5V, 0-5V, 2-10V into 500kΩ
Bipolar Voltage Input version available, please call.
Outputs
DC Current and Voltage
Current source or sink
0-20mA, 4-20mA into 500Ω
0-10V, 0-5V, 1-5V into a minimum 100kΩ
Technical Specifications
Parameter
Min
Typ
Max
Comments
Supply Voltage
18V
24V
30V
22Vdc required to drive 500Ω
Supply Current (mA)
25
30
Based on 24Vdc supply into 500Ω
Volt Drop (mA input)
0.1
0.15
At 20mA Input
Input Impedance (Volt)
500kΩ
Input Impedance (mA)
5
10
Dep’t on range (typ=20mA, max 0-10mA)
ΩΩ
Output Linearity Error
±0.03
0.1%
±
Temp Coefficient
±100ppm/ºC
Load Resistance Error
±5ppm/
0 < RL < 500
ΩΩ
Time Constant (10-90%)
25mS
30mS
Faster response available on request
Operating Ambient
0ºC
55ºC
Relative Humidity
0%
90%
Isolation Voltage
1kV
see note
Surge Voltage
2.5kV for 50µS
Transient of 10kV/µS
Notes
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur.
Device is protected against reverse polarity connection. External 100mA fuse required.
Accuracy figures based on 24Vdc supply, 4-20mA output with 250
load and an ambient 20ºC.
Ω
Installation Data
Mounting
DIN Rail TS35
Orientation
Any
Connections
Screw Clamp with pressure plate
Conductor Size
0.5-4.0mm
Insulation Stripping 12mm
Weight
Approx 60g
Ordering Information
Part No.: SC-SLIMCON6
Connection Details
1. Power supply -ve
2. Power supply +ve
4. Process Input -ve
5. Process Input +ve
10. Output -ve
12. Output +ve


Similar Part No. - SC-SLIMCON6

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SC-SERIES SKYWORKS-SC-SERIES Datasheet
161Kb / 5P
MIS Chip Capacitors
May 25, 2011
logo
FCI connector
SC-SFV03 FCI-CONNECTOR-SC-SFV03 Datasheet
743Kb / 9P
0.5mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
SC-SFW10 FCI-CONNECTOR-SC-SFW10 Datasheet
850Kb / 9P
1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Similar Description - SC-SLIMCON6

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TII13-EX MORNSUN-TII13-EX Datasheet
190Kb / 2P
ANALOG SIGNAL ISOLATING DETECTION BARRIER
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-DUALCON3 CYNERGY3-SC-DUALCON3 Datasheet
172Kb / 1P
Isolating Signal Converter - 2 Outputs
SC-DUALCON6 CYNERGY3-SC-DUALCON6 Datasheet
172Kb / 1P
Isolating Signal Converter - 2 Outputs
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
3 Port Isolating Signal Converter
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com