Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709AW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PB709AW
Description  PNP general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PB709AW Datasheet(HTML) 2 Page - NXP Semiconductors

  2PB709AW Datasheet HTML 1Page - NXP Semiconductors 2PB709AW Datasheet HTML 2Page - NXP Semiconductors 2PB709AW Datasheet HTML 3Page - NXP Semiconductors 2PB709AW Datasheet HTML 4Page - NXP Semiconductors 2PB709AW Datasheet HTML 5Page - NXP Semiconductors 2PB709AW Datasheet HTML 6Page - NXP Semiconductors 2PB709AW Datasheet HTML 7Page - NXP Semiconductors 2PB709AW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2002 Jun 26
2
Philips Semiconductors
Product specification
PNP general purpose transistor
2PB709AW
FEATURES
• High collector current (max. 100 mA)
• Low collector-emitter saturation voltage (max. 500 mV).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
PNP transistor in an SC-70 (SOT323) plastic package.
NPN complement: 2PD601AW
MARKING
Note
1. * = p: made in Hong Kong.
* = t: made in Malaysia.
PINNING
TYPE NUMBER
MARKING CODE(1)
2PB709AQW
N5*
2PB709ARW
N7*
2PB709ASW
N9*
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
MAM048
Top view
2
1
3
2
3
1
Fig.1
Simplified outline SC-70 (SOT323)
and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. For mounting conditions, see
“Thermal considerations and footprint design for SOT323 in the General Part of Data
Handbook SC18”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−45
V
VCEO
collector-emitter voltage
open base
−−45
V
VEBO
emitter-base voltage
open collector
−−6V
IC
collector current (DC)
−−100
mA
ICM
peak collector current
−−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com