Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PC4617M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PC4617M
Description  NPN general purpose transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PC4617M Datasheet(HTML) 2 Page - NXP Semiconductors

  2PC4617M Datasheet HTML 1Page - NXP Semiconductors 2PC4617M Datasheet HTML 2Page - NXP Semiconductors 2PC4617M Datasheet HTML 3Page - NXP Semiconductors 2PC4617M Datasheet HTML 4Page - NXP Semiconductors 2PC4617M Datasheet HTML 5Page - NXP Semiconductors 2PC4617M Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2003 Jul 15
2
Philips Semiconductors
Product specification
NPN general purpose transistors
2PC4617M series
FEATURES
• Leadless ultra small plastic package
(1 mm
× 0.6 mm × 0.5 mm)
• Board space 1.3 × 0.9 mm
• Power dissipation comparable to SOT23.
APPLICATIONS
• General purpose small signal DC applications
• Low and medium frequency AC applications
• Mobile communications, digital (still) cameras, PDAs,
PCMCIA cards.
DESCRIPTION
NPN general purpose transistor in a SOT883 leadless
ultra small plastic package.
PNP complement: 2PA1776M series.
MARKING
TYPE NUMBER
MARKING CODE
2PC4617QM
D7
2PC4617RM
D8
2PC4617SM
D9
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
MAM475
1
2
3
2
1
3
Bottom view
Fig.1 Simplified outline (SOT883) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
50
V
IC
collector current (DC)
100
mA
ICM
peak collector current
200
mA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Notes
1. Refer to SOT883 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
2. Device mounted on a FR4 printed-circuit board, single-sided copper, mounting pad for collector 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base
−
50
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
note 1
−
250
mW
note 2
−
430
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com