Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601AW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PD601AW
Description  NPN general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD601AW Datasheet(HTML) 2 Page - NXP Semiconductors

  2PD601AW Datasheet HTML 1Page - NXP Semiconductors 2PD601AW Datasheet HTML 2Page - NXP Semiconductors 2PD601AW Datasheet HTML 3Page - NXP Semiconductors 2PD601AW Datasheet HTML 4Page - NXP Semiconductors 2PD601AW Datasheet HTML 5Page - NXP Semiconductors 2PD601AW Datasheet HTML 6Page - NXP Semiconductors 2PD601AW Datasheet HTML 7Page - NXP Semiconductors 2PD601AW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2002 Jun 26
2
Philips Semiconductors
Preliminary specification
NPN general purpose transistor
2PD601AW
FEATURES
• High collector current (max. 100 mA)
• Low collector-emitter saturation voltage (max. 500 mV).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN transistor in an SC-70 (SOT323) plastic package.
PNP complement: 2PB709AW.
MARKING
Note
1. * = -: made in Hong Kong.
* = t: made in Malaysia.
PINNING
TYPE NUMBER
MARKING CODE(1)
2PD601AQW
*6D
2PD601ARW
*6E
2PD601ASW
*6F
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
2
3
1
MAM062
3
2
1
Top view
Fig.1
Simplified outline SC-70 (SOT323)
and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. For mounting conditions, see
“Thermal considerations and footprint design for SOT323 in the General Part of Data
Handbook SC18”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
60
V
VCEO
collector-emitter voltage
open base
−
50
V
VEBO
emitter-base voltage
open collector
−
6V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com