Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT574AMTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHCT574AMTC
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHCT574AMTC Datasheet(HTML) 2 Page - ON Semiconductor

  74VHCT574AMTC Datasheet HTML 1Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 2Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 3Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 4Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 5Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 6Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 7Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 8Page - ON Semiconductor 74VHCT574AMTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500029
www.fairchildsemi.com
July 1997
Revised April 2005
74VHCT574A
Octal D-Type Flip-Flop with 3-STATE Outputs
General Description
The VHCT574A is an advanced high speed CMOS octal
flip-flop with 3-STATE output fabricated with silicon gate
CMOS technology. It achieves the high speed operation
similar to equivalent Bipolar Schottky TTL while maintain-
ing the CMOS low power dissipation. This 8-bit D-type flip-
flop is controlled by a clock input (CP) and an Output
Enable input (OE). When the OE input is HIGH, the eight
outputs are in a high impedance state.
Protection circuits ensure that 0V to 7V can be applied to
the input and output (Note 1) pins without regard to the
supply voltage. This device can be used to interface 3V to
5V systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Note 1: Outputs in OFF-State.
Features
■ High speed: fMAX 140 MHz (typ) at TA 25qC
■ Power Down Protection is provided on all inputs and
outputs.
■ Low Noise: VOLP 1.6V (max)
■ Low Power Dissipation:
ICC 4 PA (max) @ TA
25
qC
■ Pin and Function Compatible with 74HCT574
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74VHCT574AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHCT574ASJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT574AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT574AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com