Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA900 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA900
Description  For low-frequency Power amplification Complementary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA900 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA900 Datasheet HTML 1Page - Panasonic Semiconductor 2SA900 Datasheet HTML 2Page - Panasonic Semiconductor 2SA900 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA0900
2
SJD00004BED
VBE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
VCE(sat)  IC
Cob  VCB
Safe operation area
0
160
40
120
80
0
6
5
4
3
2
1
(1)
(2)
(1) With a 100
× 100 × 2 mm
Al heat sink
(2) Without heat sink
Ambient temperature T
a (°C)
0
−1.2
−1.0
− 0.8
− 0.6
− 0.4
− 0.2
TC
= 25°C
−4.5 mA
−4.0 mA
−3.5 mA
−3.0 mA
−2.5 mA
−2.0 mA
−1.5 mA
−1.0 mA
− 0.5 mA
IB
= −5.0 mA
0
−6
−5
−4
−1
−3
−2
Collector-emitter voltage V
CE (V)
− 0.01
− 0.1
−1
− 0.01
− 0.1
−1
−10
IC / IB
= 20
25
°C
−25°C
TC
= 100°C
Collector current I
C (A)
− 0.01
− 0.1
−1
− 0.01
− 0.1
−1
−10
IC / IB
= 20
25
°C
100
°C
TC
= −25°C
Collector current I
C (A)
− 0.01
− 0.1
−1
1
10
100
1 000
VCE
= −2 V
25
°C
−25°C
TC
= 100°C
Collector current I
C (A)
10
1 000
100
0
500
400
300
200
100
VCB
= −6 V
TC
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
120
100
80
60
20
40
IE
= 0
f
= 1 MHz
TC
= 25°C
Collector-base voltage V
CB (V)
− 0.1
−1
−10
−100
− 0.001
− 0.01
− 0.1
−1
−10
ICP
IC
t
= 10 ms
t
= 1 s
Single pulse
TC
= 25°C
Collector-emitter voltage V
CE (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com