Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA0921 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA0921
Description  For high breakdown voltage low-noise amplification Complementary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0921 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA0921 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0921 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0921 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: January 2003
SJC00007BED
2SA0921 (2SA921)
Silicon PNP epitaxial planar type
For high breakdown voltage low-noise amplification
Complementary to 2SC1980
■ Features
• High collector-emitter voltage (Base open) V
CEO
• Low noise voltage NV
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−120
V
Collector-emitter voltage (Base open)
VCEO
−120
V
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
−20
mA
Peak collector current
ICP
−50
mA
Collector power dissipation
PC
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= −10 µA, I
E
= 0
−120
V
Collector-emitter voltage (Base open)
VCEO
IC = −1 mA, IB = 0
−120
V
Emitter-base voltage (Collector open)
VEBO
IE = −10 µA, IC = 0
−5V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −50 V, I
E
= 0
−100
nA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
−1
µA
Forward current transfer ratio *
hFE
VCE = −5 V, IC = −2 mA
180
700
Collector-emitter saturation voltage
VCE(sat)
IC
= −20 mA, I
B
= −2 mA
− 0.6
V
Transition frequency
fT
VCB = −5 V, IE = 2 mA, f = 200 MHz
200
MHz
Noise voltage
NV
VCE = −40 V, IC = −1 mA, GV = 80 dB
150
mV
Rg = 100 kΩ, Function = FLAT
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
5.0±0.2
0.7±0.1
0.45
+0.15
–0.1
2.5
+0.6
–0.2
0.45
+0.15
–0.1
2.5
12 3
+0.6
–0.2
4.0±0.2
1: Emitter
2: Collector
3: Base
TO-92-B1 Package
Note) The part number in the parenthesis shows conventional part number.
Rank
R
S
T
hFE
180 to 360
260 to 520
360 to 700


Similar Part No. - 2SA0921

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA0900 PANASONIC-2SA0900 Datasheet
71Kb / 3P
For low-frequency Power amplification Complementary
2SA0914 PANASONIC-2SA0914 Datasheet
69Kb / 3P
For audio system/pli drive
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
For low-frequency power amplification
More results

Similar Description - 2SA0921

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA921 PANASONIC-2SA921 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB1220 PANASONIC-2SB1220 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB1463 PANASONIC-2SB1463 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB788 PANASONIC-2SB788 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD958 PANASONIC-2SD958 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage and low-noise amplification)
2SB0788 PANASONIC-2SB0788 Datasheet
69Kb / 3P
For High Breakdown Voltage Low-noise Amplification
2SB0792 PANASONIC-2SB0792 Datasheet
71Kb / 3P
For High Breakdown Voltage Low-noise Amplification
2SD0662 PANASONIC-2SD0662 Datasheet
72Kb / 3P
For High Breakdown Voltage General Amplification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com