Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6325 Datasheet(PDF) 1 Page - AVX Corporation

Part # 6325
Description  Card Edge Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

6325 Datasheet(HTML) 1 Page - AVX Corporation

  6325 Datasheet HTML 1Page - AVX Corporation 6325 Datasheet HTML 2Page - AVX Corporation 6325 Datasheet HTML 3Page - AVX Corporation 6325 Datasheet HTML 4Page - AVX Corporation 6325 Datasheet HTML 5Page - AVX Corporation 6325 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6325 PCI Express
Card Edge Connectors
GENERAL DESCRIPTION
The standard vertical card edge connectors are specifically
designed to implement PCI Express technology for desktop
PCs and server systems. These connectors allow the end
user to upgrade the PC with an “add on graphics card”.
Therefore complete range is available to support basic speed
x1 to high-speed x16 bandwidth requirements.
The connectors are available in 36(x1), 64(x4), 98(x8) and
164(x16) contact positions, all in a 1.00mm pitch. Therefore
each range can support different bandwidth requirements for
an “add on” graphics card.
These connectors are ideal for use in a broad range of com-
puting/data communication applications, including desktop
PCs, Servers and Workstations.
All connectors support PCI Express signal and Power
requirements as well as the interface between system board
and the add on card specification.
• Different tail (contact) length (2.3mm or 3.00mm) available
to support differing motherboard thickness.
• Tails are offset to form 4 rows on a 2.00mm pitch, thus
making wave soldering easier.
• All connectors come with locating bosses to help align the
connector to PCB (motherboard).
• Raised ridge at the topside of the connector, which can be
used to lock/retain the graphic card.
• Molded polarization key prevents improper insertion of the
PCB.
• Connectors have slots to accept “add in” cards with thick-
ness of 1.58mm (0.062in).
• Conforms to PCI Express specification on connectors.
• Available in black or white color.
FEATURES/BENEFITS
• Desktop PCs
• Servers
• Work Stations
• Factory Automation Systems
APPLICATIONS
Current Rating:
1.1 Ampere, maximum
Contact Resistance:
30 milliohm, maximum
Contact Material:
Phosphor Bronze
Contact Plating:
See table below
Insulator Material:
30% Glass Filled Nylon
Insulation Resistance: 100 Megaohms 50 50V AC
TECNICAL SPECIFICATIONS
Color
0 = Black
1 = White
Variation
00 = Standard
01 = Latch
(164 only)
Plating
1 = Tin Lead
6 = Tin (Lead Free)
Code
Contact Area
Terminal Area
1
15µm AuNi
Tin/Lead
6
15µm AuNi
Tin (Lead Free)
Plating Table
HOW TO ORDER
20
Connector
6325
Series
098
Number of Contacts
0 02
00 1
Tail Length
1 = 2.30mm
2 = 3.00mm


Similar Part No. - 6325

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6325 ALPHAWIRE-6325 Datasheet
79Kb / 2P
Component 1 18 X 1 PAIR
logo
Presto International UK...
632505 PRESTO-632505 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
632532 PRESTO-632532 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
632563 PRESTO-632563 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Schneider Electric
6325AXXMDS-DC3 SCHNEIDER-6325AXXMDS-DC3 Datasheet
145Kb / 3P
Relay, SE Relays, solid state, SPST NO, 25A, 3??200 VDC, 3...32 VDC Uc, MOSFET Dc switching, screw terminal
Jul 27, 2021
More results

Similar Description - 6325

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
microSD card connectors
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
Card Edge Connectors
logo
SHINMEI ELECTRIC CO., L...
SCN-1308-2 SHINMEI-SCN-1308-2 Datasheet
108Kb / 3P
IC card connectors
logo
TE Connectivity Ltd
114-32054 TEC-114-32054 Datasheet
805Kb / 13P
Inverted Card Edge and Inverted Poke-In Connectors
logo
EDAC, All Rights Reserv...
305 EDAC-305 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
307 EDAC-307 Datasheet
270Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
Card Edge Connectors 0.100” (2.54mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com