Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA921 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA921
Description  For high breakdown voltage low-noise amplification Complementary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA921 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA921 Datasheet HTML 1Page - Panasonic Semiconductor 2SA921 Datasheet HTML 2Page - Panasonic Semiconductor 2SA921 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA0921
2
SJC00007BED
VCE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
IC  VBE
Cob  VCB
NV
 I
C
0
200
160
40
120
80
0
500
400
300
200
100
Ambient temperature T
a (°C)
0
−12
−10
−8
−2
−6
−4
0
−24
−20
−16
−12
−8
−4
Ta
= 25°C
−30 µA
−45 µA
−40 µA
−10 µA
−15 µA
−25 µA
−35 µA
−5 µA
−20 µA
IB
= −50 µA
Collector-emitter voltage V
CE (V)
0
−2.0
−1.6
− 0.4
−1.2
− 0.8
0
−60
−50
−40
−30
−20
−10
VCE
= −5 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
− 0.1
−1
−10
−100
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
− 0.1
−1
−10
−100
0
1 000
800
600
400
200
VCE
= −5 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0.1
1
10
100
0
320
240
80
200
280
160
40
120
VCB
= −5 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
10
8
6
4
2
9
7
5
3
1
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
− 0.01
− 0.1
−1
0
120
100
80
60
40
20
VCE
= −10 V
GV
= 80 dB
Function
= FLAT
4.7 k
Ω
Rg
= 100 kΩ
22 k
Ω
Collector current I
C (mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com