Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA963 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA963
Description  For low-frequency power amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA963 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA963 Datasheet HTML 1Page - Panasonic Semiconductor 2SA963 Datasheet HTML 2Page - Panasonic Semiconductor 2SA963 Datasheet HTML 3Page - Panasonic Semiconductor 2SA963 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA0963
2
SJD00006BED
VBE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
VCE(sat)  IC
Cob  VCB
VCER  RBE
ICEO  Ta
0
12
10
8
6
4
2
0
200
40
80
160
120
Ambient temperature T
a (°C)
0
−10
−2
−4
−8
−6
0
−4.0
−3.5
−3.0
−2.5
−2.0
−1.5
− 1.0
− 0.5
TC
= 25°C
IB
= −40 mA
−5 mA
−10 mA
−15 mA
−20 mA
−25 mA
−30 mA
−35 mA
Collector-emitter voltage V
CE (V)
− 0.01
− 0.01
− 0.1
−1
−10
− 0.1
−1
IC / IB
= 10
TC
= 100°C
25
°C
−25°C
Collector current I
C (A)
− 0.01
− 0.01
−1
− 0.1
− 0.1
−1
−10
TC
= −25°C
25
°C
100
°C
IC / IB
= 10
Collector current I
C (A)
− 0.01
−1
− 0.1
1
10
100
1 000
VCE
= −5 V
TC
= 100°C
25
°C
−25°C
Collector current I
C (A)
0.01
0.1
1
10
0
240
200
160
120
80
40
VCB
= −5 V
f
= 200 MHz
TC
= 25°C
Emitter current I
E (A)
−1
−10
−100
0
20
40
60
80
100
120
140
IE
= 0
f
= 1 MHz
TC
= 25°C
Collector-base voltage V
CB (V)
0
−60
−50
−40
−30
−20
−10
0.001
0.01
0.1
1
10
TC
= 25°C
Base-emitter resistance R
BE (kΩ)
1
1 000
100
10
0
120
20
100
40
80
60
VCE
= −12 V
Ambient temperature T
a (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com