Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3MB Datasheet(PDF) 1 Page - Leshan Radio Company

Part # S3MB
Description  Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S3MB Datasheet(HTML) 1 Page - Leshan Radio Company

  S3MB Datasheet HTML 1Page - Leshan Radio Company S3MB Datasheet HTML 2Page - Leshan Radio Company S3MB Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S3MB
Surface Mount Glass Passivated Rectifiers
1. FEATURES
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0.
●
High temperature metallurgically bonded construction.
●
Cavity-free glass passivated junction.
●
Capable of meeting environmental standards of MIL-S-19500.
●
High temperature soldering guaranteed:260°C/10 seconds.
●
WWeight: 0.088g
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TC = 75°C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating junction and storage temperature range
4. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 125°C
Typical junction capacitance at 4.0V, 1MHz
1. 8.0mm² (.013mm thick) land areas
S3MB
Surface Mount Glass Passivated Rectifiers
Reverse Voltage 1000V Forward Current 3.0A
Device
Marking
Shipping
S3MB
S3M
4000/Tape&Reel
Parameter
Symbol
Limits
Unit
VRRM
1000
V
VRMS
700
V
VDC
1000
V
IF(AV)
3
A
IFSM
80
A
Typical thermal resistance (Note 1)
RθJA
160
℃
/W
RθJC
50
TJ, TSTG
–50 ~+150
℃
Characteristic
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
1.1
V
IR
--
5
µA
-
-
100
CJ
-
20
-
PF
Leshan Radio Company, LTD.
Rev.O Oct. 2017
1/3


Similar Part No. - S3MB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3MB DIODES-S3MB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3MB ETC1-S3MB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Diodes Incorporated
S3MB DIODES-S3MB Datasheet
82Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 12 - 2
logo
Won-Top Electronics
S3MB WTE-S3MB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3MB TSC-S3MB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3MB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
HFM301 LRC-HFM301 Datasheet
204Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
RGP30MA LRC-RGP30MA Datasheet
448Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
SOD4001T-SH LRC-SOD4001T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF407 LRC-FMAF407 Datasheet
223Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SOD4007T-SH LRC-SOD4007T-SH Datasheet
310Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
S3MC LRC-S3MC Datasheet
219Kb / 3P
Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com