Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3CF20D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 3CF20D
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3CF20D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  3CF20D Datasheet HTML 1Page - Inchange Semiconductor Company Limited 3CF20D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
3CF20D
DESCRIPTION
·
Large collector current
·
Low collector saturation voltage
·
High power dissipation
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation.
APPLICATIONS
·
Designed for use in DC-DC converter
·
Driver of solenoid or motor
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.75
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-300
V
VCEO
Collector-Emitter Voltage
-250
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-20
A
PC
Collector Power Dissipation @TC=75℃
200
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃


Similar Part No. - 3CF20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3CF1E ISC-3CF1E Datasheet
244Kb / 2P
Silicon PNP Power Transistor
logo
Tyco Electronics
3CFE1 MACOM-3CFE1 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
TE Connectivity Ltd
3CFE1 TEC-3CFE1 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
Tyco Electronics
3CFS1 MACOM-3CFS1 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
TE Connectivity Ltd
3CFS1 TEC-3CFS1 Datasheet
420Kb / 4P
Power Entry Module with Switch
More results

Similar Description - 3CF20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com