Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5429 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5429
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5429 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5429 Datasheet HTML 17Page - Analog Devices AD5429 Datasheet HTML 18Page - Analog Devices AD5429 Datasheet HTML 19Page - Analog Devices AD5429 Datasheet HTML 20Page - Analog Devices AD5429 Datasheet HTML 21Page - Analog Devices AD5429 Datasheet HTML 22Page - Analog Devices AD5429 Datasheet HTML 23Page - Analog Devices AD5429 Datasheet HTML 24Page - Analog Devices AD5429 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 21 of 32
SYNC Function
SYNC is an edge-triggered input that acts as a frame synchron-
ization signal and chip enable. Data can be transferred into the
device only while SYNC is low. To start the serial data transfer,
SYNC should be taken low, observing the minimum SYNC
falling to SCLK falling edge setup time, t4.
Daisy-Chain Mode
Daisy-chain mode is the default power-on mode. To disable the
daisy-chain function, write 1001 to the control word. In daisy-
chain mode, the internal gating on SCLK is disabled. The SCLK
is continuously applied to the input shift register when SYNC is
low. If more than 16 clock pulses are applied, the data ripples
out of the shift register and appears on the SDO line. This data
is clocked out on the rising edge of SCLK (this is the default, use
the control word to change the active edge) and is valid for the
next device on the falling edge (default). By connecting this line
to the SDIN input on the next device in the chain, a multidevice
interface is constructed. For each device in the system, 16 clock
pulses are required. Therefore, the total number of clock cycles
must equal 16, where N is the total number of devices in the
chain. See Figure 3.
When the serial transfer to all devices is complete, SYNC should
be taken high. This prevents additional data from being clocked
into the input shift register. A burst clock containing the exact
number of clock cycles can be used and SYNC taken high some
time later. After the rising edge of SYNC, data is automatically
transferred from each device’s input shift register to the
addressed DAC. When control bits = 0000, the device is in no
operation mode. This might be useful in daisy-chain applica-
tions, in which the user does not wish to change the settings of a
particular DAC in the chain. Write 0000 to the control bits for
that DAC, and the following data bits are ignored.
Standalone Mode
After power-on, write 1001 to the control word to disable daisy-
chain mode. The first falling edge of SYNC resets a counter that
counts the number of serial clocks to ensure that the correct
number of bits are shifted in and out of the serial shift registers.
A SYNC edge during the 16-bit write cycle causes the device to
abort the current write cycle.
After the falling edge of the 16th SCLK pulse, data is automat-
ically transferred from the input shift register to the DAC. In
order for another serial transfer to take place, the counter must
be reset by the falling edge of SYNC.
LDAC Function
The LDAC function allows asynchronous or synchronous
updates to the DAC output. The DAC is asynchronously
updated when this signal goes low. Alternatively, if this line is
held permanently low, an automatic or synchronous update
mode is selected, whereby the DAC is updated on the 16th clock
falling edge when the device is in standalone mode, or on the
rising edge of SYNC when in daisy-chain mode.
Table 11. DAC Control Bits
C3
C2
C1
C0
DAC
Function Implemented
0
0
0
0
A and B
No operation (power-on default)
0
0
0
1
A
Load and update
0
0
1
0
A
Initiate readback
0
0
1
1
A
Load input register
0
1
0
0
B
Load and update
0
1
0
1
B
Initiate readback
0
1
1
0
B
Load input register
0
1
1
1
A and B
Update DAC outputs
1
0
0
0
A and B
Load input registers
1
0
0
1
-
Daisy chain disable
1
0
1
0
-
Clock data to shift register on rising edge
1
0
1
1
-
Clear DAC output to zero scale
1
1
0
0
-
Clear DAC output to midscale
1
1
0
1
-
Control word
1
1
1
0
-
Reserved
1
1
1
1
-
No operation
CONTROL BITS
11
0
1
SDO2 SDO1
DSY HCLR SCLK
XX
X
X
X
X
X
DB0 (LSB)
DB15 (MSB)
Figure 46. Control Register Loading Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com