Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF40P03DA Datasheet(PDF) 5 Page - Anachip Corp

Part # AF40P03DA
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF40P03DA Datasheet(HTML) 5 Page - Anachip Corp

  AF40P03DA Datasheet HTML 1Page - Anachip Corp AF40P03DA Datasheet HTML 2Page - Anachip Corp AF40P03DA Datasheet HTML 3Page - Anachip Corp AF40P03DA Datasheet HTML 4Page - Anachip Corp AF40P03DA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AF40P03
P-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug 10, 2005
5/5
Marking Information
TO-252
Logo
Part Number
YY : Year
WW: Nth week
X
: Internal code ( Optional)
( Top View)
40P03
YYWWX
Package Information
Package Type: TO-252
D1
D
(0.1mm)
e
e
B1
R: 0.127~0.381
1. All Dimensions Are in Millimeters.
2. Dimension Does Not Include Mold Protrusions.
Dimensions In Millimeters
Symbol
Min.
Nom.
Max.
A2
1.80
2.30
2.80
A3
0.40
0.50
0.60
B1
0.40
0.70
1.00
D
6.00
6.50
7.00
D1
4.80
5.35
5.90
F
2.20
2.63
3.05
F1
0.50
0.85
1.20
E1
5.10
5.70
6.30
E2
0.50
1.10
1.70
E3
3.50
4.00
4.50
e
-
2.30
-
C
0.35
0.50
0.65



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com