Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8021
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 3 Page - Analog Devices

  AD8021 Datasheet HTML 1Page - Analog Devices AD8021 Datasheet HTML 2Page - Analog Devices AD8021 Datasheet HTML 3Page - Analog Devices AD8021 Datasheet HTML 4Page - Analog Devices AD8021 Datasheet HTML 5Page - Analog Devices AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2A, IOUT2B = 0 V. All specifications TMIN to TMAX, unless otherwise noted. DC performance measured
with OP1177, ac performance with AD9631, unless otherwise noted. Temperature range for Y version is −40°C to +125°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
AD5429
Resolution
8
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5439
Resolution
10
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5449
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
−1/+2
LSB
Guaranteed monotonic
Gain Error
±10
mV
Gain Error Temp Coefficient1
±5
ppm FSR/°C
Output Leakage Current
±5
nA
Data = 0000H, TA = 25°C, IOUT1
±10
nA
Data = 0000H, IOUT1
REFERENCE INPUT1
Typical resistor TC = −50 ppm/°C
Reference Input Range
±10
V
VREFA,VREFB Input Resistance
8
10
12
kΩ
DAC input resistance
VREFA/B Input Resistance Mismatch
1.6
2.5
%
Typ = 25°C, max = 125°C
DIGITAL INPUTS/OUTPUT1
Input High Voltage, VIH
1.7
V
VDD = 2.5 V to 5.5 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Input Leakage Current, IIL
1
µA
Input Capacitance
10
pF
VDD = 4.5 V to 5.5 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 µA
Output High Voltage, VOH
VDD − 1
V
ISOURCE = 200 µA
VDD = 2.5 V to 3.6 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 µA
Output High Voltage, VOH
VDD − 0.5
V
ISOURCE = 200 µA
DYNAMIC PERFORMANCE1
Reference Multiplying BW
10
MHz
VREF = 5 V p-p, DAC loaded all 1s
Output Voltage Settling Time
Measured to ±4 mV of FS, RLOAD = 100 Ω,
CLOAD = 0s
AD5429
50
100
ns
AD5439
55
110
ns
DAC latch alternately loaded with 0s
and 1s
AD5449
90
160
ns
RLOAD = 100 Ω, CLOAD = 15 pF
Digital Delay
20
40
ns
Digital-to-Analog Glitch Impulse
3
nV-s
1 LSB change around major carry,
VREF = 0 V
Multiplying Feedthrough Error
−75
dB
DAC latch loaded with all 0s,
reference = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com