Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP30 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUP30
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUP30 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUP30 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUP30 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
BUP30
DESCRIPTION
·
Low Collector Saturation Voltage
: VCE(sat)= 0.4V(Max)@ IC=6A
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for relay drivers, high-speed inverters, converters,
and other general high-current switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
30
A
PC
Collector Power Dissipation
@ TC=25℃
35
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - BUP30

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP300 SIEMENS-BUP300 Datasheet
338Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP302 SIEMENS-BUP302 Datasheet
419Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP303 SIEMENS-BUP303 Datasheet
431Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP304 SIEMENS-BUP304 Datasheet
378Kb / 7P
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP305 SIEMENS-BUP305 Datasheet
383Kb / 7P
IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
More results

Similar Description - BUP30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com