Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP-305G Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTP-305G
Description  LED DISPLAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTP-305G Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTP-305G Datasheet HTML 1Page - Lite-On Technology Corporation LTP-305G Datasheet HTML 2Page - Lite-On Technology Corporation LTP-305G Datasheet HTML 3Page - Lite-On Technology Corporation LTP-305G Datasheet HTML 4Page - Lite-On Technology Corporation LTP-305G Datasheet HTML 5Page - Lite-On Technology Corporation LTP-305G Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
PART NO.: LTP-305G
PAGE
1
of
5
BNS-OD-C131/A4
FEATURES
* 0.3 inch (7.62 mm) MATRIX HEIGHT
* LOW POWER REQUIREMENT
* SINGLE PLANE, WIDE VIEWING ANGLE
* SOLID STATE RELIABILITY
* 5X7 ARRAY WITH X-Y SELECT
* COMPATIBLE WITH USASCLL AND EBCDIC CODES
* STACKABLE HORIZONTALLY
* CATEGORIZED FOR LUMINOUS INTENSITY
* LEAD-FREE PACKAGE (ACCORDING TO ROHS)
DESCRIPTION
The LTP-305G is a 0.3 inch (7.62 mm) matrix height 5x7 dot matrix display.
This device uses GREEN LED chips (GaP epi on GaP substrate). The display
has green package.
DEVICE
PART NO.
DESCRIPTION
GREEN
LTP-305G
ANODE COLUMN
CATHODE
ROW
LT. HAND DECIMAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com