Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5405 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5405
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5405 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5405 Datasheet HTML 12Page - Analog Devices AD5405 Datasheet HTML 13Page - Analog Devices AD5405 Datasheet HTML 14Page - Analog Devices AD5405 Datasheet HTML 15Page - Analog Devices AD5405 Datasheet HTML 16Page - Analog Devices AD5405 Datasheet HTML 17Page - Analog Devices AD5405 Datasheet HTML 18Page - Analog Devices AD5405 Datasheet HTML 19Page - Analog Devices AD5405 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5405
Data Sheet
Rev. D | Page 16 of 24
DIVIDER OR PROGRAMMABLE GAIN ELEMENT
Current steering DACs are very flexible and lend themselves to
many applications. If this type of DAC is connected as the feedback
element of an operational amplifier and RFBA is used as the
input resistor, as shown in Figure 36, the output voltage is
inversely proportional to the digital input fraction, D.
For D = 1 − 2−n, the output voltage is
(
)n
IN
IN
OUT
V
D
V
V
−
−
−
=
−
=
2
1
VOUT
VDD
GND
VIN
IOUT2A
IOUT1A
RFBA VDD
VREFA
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 36. Current Steering DAC Used as a Divider or
Programmable Gain Element
As D is reduced, the output voltage increases. For small values of
the digital fraction D, it is important to ensure that the amplifier
does not saturate and that the required accuracy is met. For
example, an 8-bit DAC driven with the binary code 0x10 (0001
0000)—that is, 16 decimal—in the circuit of Figure 36 can cause
the output voltage to be 16 times VIN. However, if the DAC has a
linearity specification of ±0.5 LSB, D can have a weight in the range
of 15.5/256 to 16.5/256 so that the possible output voltage is in
the range of 15.5 VIN to 16.5 VIN—an error of 3%, even though
the DAC itself has a maximum error of 0.2%.
DAC leakage current is also a potential error source in divider
circuits. The leakage current must be counterbalanced by an
opposite current supplied from the operational amplifier through
the DAC. Because only a fraction, D, of the current into the
VREF terminal is routed to the IOUT1 terminal, the output voltage
changes as follows:
Output Error Voltage Due to DAC Leakage = (Leakage × R)/D
where R is the DAC resistance at the VREF terminal.
For a DAC leakage current of 10 nA, R = 10 kΩ, and a gain (that
is, 1/D) of 16, the error voltage is 1.6 mV.
REFERENCE SELECTION
When selecting a reference for use with the AD5405 and other
devices in this series of current output DACs, pay attention to the
output voltage temperature coefficient specification of the
reference. This parameter not only affects the full-scale error,
but also can affect the linearity (INL and DNL) performance. The
reference temperature coefficient must be consistent with the
system accuracy specifications. For example, an 8-bit system
required to hold its overall specification to within 1 LSB over the
temperature range 0°C to 50°C dictates that the maximum system
drift with temperature must be less than 78 ppm/°C. A 12-bit
system with the same temperature range to overall specification
within 2 LSBs requires a maximum drift of 10 ppm/°C.
Choosing a precision reference with low output temperature
coefficient minimizes this error source. Table 7 lists some
references available from Analog Devices, Inc., that are suitable for
use with this range of current output DACs.
AMPLIFIER SELECTION
The primary requirement for the current steering mode is an
amplifier with low input bias currents and low input offset voltage.
Because of the code dependent output resistance of the DAC, the
input offset voltage of an operational amplifier is multiplied by the
variable gain of the circuit. A change in this noise gain between
two adjacent digital fractions produces a step change in the output
voltage due to the amplifier’s input offset voltage. This output
voltage change is superimposed on the desired change in output
between the two codes and gives rise to a differential linearity
error, which, if large enough, could cause the DAC to be
nonmonotonic.
The input bias current of an operational amplifier also generates
an offset at the voltage output because of the bias current flowing
in the feedback resistor, RFB. Most operational amplifiers have input
bias currents low enough to prevent significant errors in 12-bit
applications.
Common-mode rejection of the operational amplifier is
important in voltage switching circuits, because it produces a
code dependent error at the voltage output of the circuit. Most
operational amplifiers have adequate common-mode rejection
for use at 12-bit resolution.
If the DAC switches are driven from true wideband, low
impedance sources (VIN and AGND), they settle quickly.
Consequently, the slew rate and settling time of a voltage-switching
DAC circuit is determined largely by the output operational
amplifier. To obtain minimum settling time in this configuration,
minimize capacitance at the VREF node (the voltage output node
in this application) of the DAC. This is done by using low input
capacitance buffer amplifiers and careful board design.
Most single-supply circuits include ground as part of the analog
signal range, which in turn requires an amplifier that can handle
rail-to-rail signals. Analog Devices offers a wide range of single-
supply amplifiers, as listed in Table 8 and Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com