Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5428 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5428
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5428 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5428 Datasheet HTML 12Page - Analog Devices AD5428 Datasheet HTML 13Page - Analog Devices AD5428 Datasheet HTML 14Page - Analog Devices AD5428 Datasheet HTML 15Page - Analog Devices AD5428 Datasheet HTML 16Page - Analog Devices AD5428 Datasheet HTML 17Page - Analog Devices AD5428 Datasheet HTML 18Page - Analog Devices AD5428 Datasheet HTML 19Page - Analog Devices AD5428 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5428/AD5440/AD5447
Data Sheet
Rev. D | Page 16 of 32
GENERAL DESCRIPTION
DAC SECTION
The AD5428/AD5440/AD5447 are CMOS 8-, 10-, and 12-bit,
dual-channel, current output DACs consisting of a standard
inverting R-2R ladder configuration. Figure 37 shows a simplified
diagram for a single channel of the 8-bit AD5428. The feedback
resistor RFBA has a value of R. The value of R is typically 10 kΩ
(with a minimum of 8 kΩ and a maximum of 12 kΩ). If IOUT1
and AGND are kept at the same potential, a constant current
flows into each ladder leg, regardless of digital input code.
Therefore, the input resistance presented at VREFA is always
constant and nominally of value R. The DAC output (IOUT) is
code-dependent, producing various resistances and
capacitances. When choosing an external amplifier, take into
account the variation in impedance generated by the DAC on
the amplifier’s inverting input node.
VREF
DAC DATA LATCHES
AND DRIVERS
RFBA
IOUTA
AGND
RR
R
R
2R
2R
2R
2R
2R
S1
S2
S3
S8
Figure 37. Simplified Ladder
Access is provided to the VREF, RFB, and IOUT terminals of DAC A
and DAC B, making the devices extremely versatile and
allowing them to be configured in several operating modes,
such as unipolar output mode, 4-quadrant multiplication
bipolar mode, or single-supply mode. Note that a matching
switch is used in series with the internal RFBA feedback resistor.
If users attempt to measure RFBA, power must be applied to VDD
to achieve continuity.
CIRCUIT OPERATION
Unipolar Mode
Using a single op amp, these devices can easily be configured to
provide 2-quadrant multiplying operation or a unipolar output
voltage swing, as shown in Figure 38. When an output amplifier
is connected in unipolar mode, the output voltage is given by
VOUT
= −VREF × D/2n
where:
D is the fractional representation of the digital word loaded to
the DAC.
D = 0 to 255 (8-bit
AD5428)
= 0 to 1023 (10-bit AD5440)
= 0 to 4095 (12-bit AD5447)
n is the resolution of the DAC.
Note that the output voltage polarity is opposite to the VREF
polarity for dc reference voltages. These DACs are designed to
operate with either negative or positive reference voltages. The
VDD power pin is only used by the internal digital logic to drive
the on and off states of the DAC switches.
These DACs are also designed to accommodate ac reference
input signals in the range of –10 V to +10 V.
With a fixed 10 V reference, the circuit in Figure 38 gives a
unipolar 0 V to –10 V output voltage swing. When VIN is an ac
signal, the circuit performs 2-quadrant multiplication.
Table 7 shows the relationship between digital code and the
expected output voltage for unipolar operation using the 8-bit
AD5428.
Table 7. Unipolar Code
Digital Input
Analog Output (V)
1111 1111
–VREF (255/256)
1000 0000
–VREF(128/256) = –VREF/2
0000 0001
–VREF (1/256)
0000 0000
–VREF (0/256) = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com