Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5643R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5643R
Description  Dual 12-/14-/16-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5643R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5643R Datasheet HTML 17Page - Analog Devices AD5643R Datasheet HTML 18Page - Analog Devices AD5643R Datasheet HTML 19Page - Analog Devices AD5643R Datasheet HTML 20Page - Analog Devices AD5643R Datasheet HTML 21Page - Analog Devices AD5643R Datasheet HTML 22Page - Analog Devices AD5643R Datasheet HTML 23Page - Analog Devices AD5643R Datasheet HTML 24Page - Analog Devices AD5643R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD5623R/AD5643R/AD5663R
Rev. G | Page 21 of 32
THEORY OF OPERATION
DIGITAL-TO-ANALOG SECTION
The AD5623R/AD5643R/AD5663R DAC is fabricated on
a CMOS process. The architecture consists of a string DAC
followed by an output buffer amplifier. Figure 49 shows a block
diagram of the DAC architecture.
DAC
REGISTER
RESISTOR
STRING
REF (+)
VDD
GND
REF (–)
VOUT
OUTPUT
AMPLIFIER
(GAIN = +2)
Figure 49. DAC Architecture
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by
N
REFIN
OUT
D
V
V
2
The ideal output voltage when using the internal reference is
given by
N
REFOUT
OUT
D
V
V
2
2
where:
D
is the decimal equivalent of the binary code that is loaded to
the DAC register:
0 to 4095 for AD5623R (12-bit)
0 to 16,383 for AD5643R (14-bit)
0 to 65,535 for AD5663R (16-bit)
N
is the DAC resolution.
RESISTOR STRING
The resistor string section is shown in Figure 50. It is simply a
string of resistors, each of Value R. The code loaded to the DAC
register determines at which node on the string the voltage is
tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. It can drive
a load of 2 kΩ in parallel with 1000 pF to GND. The source and
sink capabilities of the output amplifier can be seen in Figure 31.
The slew rate is 1.8 V/µs with a 1/4 to 3/4 full-scale settling time
of 10 µs.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 50. Resistor String
INTERNAL REFERENCE
The AD5623R/AD5643R/AD5663R on-chip reference is off at
power-up and is enabled via a write to a control register. See the
Internal Reference Setup section for details.
The AD5623R-3/AD5643R-3/AD5663R-3 has a 1.25 V,
5 ppm/°C reference, giving a full-scale output of 2.5 V. The
AD5623R-5/AD5643R-5/AD5663R-5 has a 2.5 V, 5 ppm/°C
reference, giving a full-scale output of 5 V. The internal
reference associated with each part is available at the VREFOUT
pin. A buffer is required if the reference output is used to drive
external loads. When using the internal reference, it is
recommended that a 100 nF capacitor be placed between
reference output and GND for reference stability.
EXTERNAL REFERENCE
The VREFIN pins on the AD5623R-3/AD5643R-3/AD5663R-3
and the AD5623R-5/AD5643R-5/AD5663R-5 allows the use of
an external reference if the application requires it. The on-chip
reference is off at power-up, and this is the default condition.
The AD5623R-3/AD5643R-3/AD5663R-3 and the AD5623R-5/
AD5643R-5/AD5663R-5 can be operated from a single 2.7 V to
5.5 V supply.
SERIAL INTERFACE
The AD5623R/AD5643R/AD5663R have a 3-wire serial interface
(SYNC, SCLK, and DIN) that is compatible with SPI, QSPI, and
MICROWIRE interface standards, as well as with most DSPs.
See Figure 2 for a timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 50 MHz, making the AD5623R/AD5643R/AD5663R compatible
with high speed DSPs. On the 24th falling clock edge, the last
data bit is clocked in and the programmed function is executed,
for example, a change in DAC register contents and/or a change
in the mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com