Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5447EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # EVAL-AD5447EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5447EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button EVAL-AD5447EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD5428/AD5440/AD5447
Data Sheet
Rev. D | Page 20 of 32
DIVIDER OR PROGRAMMABLE GAIN ELEMENT
Current-steering DACs are very flexible and lend themselves to
many applications. If this type of DAC is connected as the
feedback element of an op amp and RFBA is used as the input
resistor, as shown in Figure 42, the output voltage is inversely
proportional to the digital input fraction, D.
For D = 1 − 2−n, the output voltage is
n
IN
IN
OUT
V
D
V
V
2
1
/
/
VOUT
VDD
GND
VIN
AGND
IOUTA
RFBA VDD
VREFA
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 42. Current-Steering DAC Used as a Divider or
Programmable Gain Element
As D is reduced, the output voltage increases. For small values
of the digital fraction D, it is important to ensure that the
amplifier does not saturate and that the required accuracy is
met. For example, an 8-bit DAC driven with the binary code
0x10 (0001 0000)—that is, 16 decimal—in the circuit of
Figure 42 should cause the output voltage to be 16 times VIN.
However, if the DAC has a linearity specification of ±0.5 LSB, D
can have a weight in the range of 15.5/256 to 16.5/256 so that the
possible output voltage is in the range of 15.5 VIN to 16.5 VIN—
an error of 3%, even though the DAC itself has a maximum
error of 0.2%.
DAC leakage current is also a potential error source in divider
circuits. The leakage current must be counterbalanced by an
opposite current supplied from the op amp through the DAC.
Because only a fraction, D, of the current into the VREF terminal
is routed to the IOUT1 terminal, the output voltage changes as
follows:
Output Error Voltage Due to DAC Leakage
D
R
Leakage
/
where R is the DAC resistance at the VREF terminal.
For a DAC leakage current of 10 nA, R = 10 kΩ, and a gain (that
is, 1/D) of 16, the error voltage is 1.6 mV.
REFERENCE SELECTION
When selecting a reference for use with the
AD5428/AD5440/AD5447 series of current output DACs, pay
attention to the reference’s output voltage temperature coefficient
specification. This parameter not only affects the full-scale error,
but can also affect the linearity (INL and DNL) performance. The
reference temperature coefficient should be consistent with the
system accuracy specifications. For example, an 8-bit system
required to hold its overall specification to within 1 LSB over the
temperature range 0° to 50°C dictates that the maximum system
drift with temp-erature should be less than 78 ppm/°C. A 12-bit
system with the same temperature range to overall specification
within 2 LSBs requires a maximum drift of 10 ppm/°C. Choosing
a precision reference with low output temperature coefficient
minimizes this error source. Table 9 lists some references
available from Analog Devices that are suitable for use with these
current output DACs.
AMPLIFIER SELECTION
The primary requirement for the current-steering mode is an
amplifier with low input bias currents and low input offset
voltage. Because of the code-dependent output resistance of the
DAC, the input offset voltage of an op amp is multiplied by the
variable gain of the circuit. A change in the noise gain between
two adjacent digital fractions produces a step change in the
output voltage due to the amplifier’s input offset voltage. This
output voltage change is superimposed on the desired change in
output between the two codes and gives rise to a differential
linearity error, which, if large enough, could cause the DAC to
be nonmonotonic. The input offset voltage should be <1/4 LSB
to ensure monotonic behavior when stepping through codes.
The input bias current of an op amp also generates an offset at
the voltage output as a result of the bias current flowing in the
feedback resistor, RFB. Most op amps have input bias currents
low enough to prevent significant errors in 12-bit applications.
Common-mode rejection of the op amp is important in voltage-
switching circuits, because it produces a code-dependent error
at the voltage output of the circuit. Most op amps have adequate
common-mode rejection for use at 8-, 10-, and 12-bit resolution.
Provided that the DAC switches are driven from true wideband,
low impedance sources (VIN and AGND), they settle quickly.
Consequently, the slew rate and settling time of a voltage-
switching DAC circuit is determined largely by the output op
amp. To obtain minimum settling time in this configuration,
minimize capacitance at the VREF node (the voltage output node
in this application) of the DAC by using low input capacitance
buffer amplifiers and careful board design.
Most single-supply circuits include ground as part of the analog
signal range, which in turns requires an amplifier that can handle
rail-to-rail signals. Analog Devices offers a wide variety of single-
supply amplifiers (see Table 10 and Table 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com