Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSB06S01 Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NLSB06S01
Description  BLUE STANDARD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NLSB06S01 Datasheet(HTML) 7 Page - NICHIA CORPORATION

  NLSB06S01 Datasheet HTML 1Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 2Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 3Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 4Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 5Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 6Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 7Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 8Page - NICHIA CORPORATION NLSB06S01 Datasheet HTML 9Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NICHIA STS-DA1-1235B <Cat.No.131111>
6
OPTICAL CHARACTERISTICS
* 標準LED 取 付け
た白金測温抵抗素子
温度
55°C
う 温度 ン
ー した
特性 す(I
F = 350 mA)
These characteristics are measured at I
F = 350 mA and Tpt = 5 5°C.
*
チ
ン
ー ー
温度制御安定度
±0.03°C す( ー ー仕様値)
The Stability of Peltier Controller is ±0.03°C (data from manufacturer specification).
NLSB06S01
管理番号 No.
STS-DA5-0017
色度
Chromaticity Coordinate
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
750
800
度
Luminous Intensity
相対度
Relative Luminosity (a.u.)
Directivity1
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
発
ス ク
Spect r u m
指向特性
Dir ect ivit y
波長
Wavelength (nm)
10.5
0
0.5
1
TA = 25°C
TA = 25°C
T
A = 25°C
* 本特性参考 す
All characteristics shown are for reference only and are not guaranteed.
λ
Spectrum
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
-90
-60
-30
0
30
60
90
放射角度
Radiation Angle(°)
x
y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com