Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1644P Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1644P
Description  Nonvolatile Timekeeping RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644P Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1644P Datasheet HTML 1Page - Dallas Semiconductor DS1644P Datasheet HTML 2Page - Dallas Semiconductor DS1644P Datasheet HTML 3Page - Dallas Semiconductor DS1644P Datasheet HTML 4Page - Dallas Semiconductor DS1644P Datasheet HTML 5Page - Dallas Semiconductor DS1644P Datasheet HTML 6Page - Dallas Semiconductor DS1644P Datasheet HTML 7Page - Dallas Semiconductor DS1644P Datasheet HTML 8Page - Dallas Semiconductor DS1644P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1644/DS1644P
2 of 13
PIN DESCRIPTION
PIN
PDIP
PowerCap
NAME
FUNCTION
1
32
A14
2
30
A12
3
25
A7
4
24
A6
5
23
A5
6
22
A4
7
21
A3
8
20
A2
9
19
A1
10
18
A0
Address Input
11
16
DQ0
12
15
DQ1
13
14
DQ2
Data Input/Output
14
17
GND
Ground
15
13
DQ3
16
12
DQ4
17
11
DQ5
18
10
DQ6
19
9
DQ7
Data Input/Output
20
8
CE
Active Low Chip-Enable Input
21
28
A10
Address Input
22
7
OE
Active Low Output-Enable Input
23
29
A11
24
27
A9
25
26
A8
26
31
A13
Address Input
27
6
WE
Active-Low Write-Enable Input
28
5
VCC
Power-Supply Input
-
4
RST
Active-Low Reset Output, Open Drain. Requires a pullup resistor for
proper operation.
-
1-3,33,34
NC
No Connection
-
X1, X2,
VBAT
Crystal Connection VBAT Battery Connection
DESCRIPTION
The DS1644 is a 32k x 8 nonvolatile static RAM with a full function real time clock, which are both
accessible in a byte-wide format. The nonvolatile timekeeping RAM is functionally equivalent to any
JEDEC standard 32k x 8 SRAM. The device can also be easily substituted for ROM, EPROM and
EEPROM, providing read/write nonvolatility and the addition of the real time clock function. The real
time clock information resides in the eight uppermost RAM locations. The RTC registers contain year,
month, date, day, hours, minutes, and seconds data in 24-hour BCD format. Corrections for the day of the
month and leap year are made automatically. The RTC clock registers are double-buffered to avoid access
of incorrect data that can occur during clock update cycles. The double-buffered system also prevents
time loss as the timekeeping countdown continues unabated by access to time register data. The DS1644
also contains its own power-fail circuitry, which deselects the device when the VCC supply is in an out-of-
tolerance condition. This feature prevents loss of data from unpredictable system operation brought on by
low VCC as errant access and update cycles are avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com