Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ Datasheet(PDF) 13 Page - Hirose Electric

Part # PQ
Description  High Power/Signal Connectors for Industrial Machinery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PQ Datasheet(HTML) 13 Page - Hirose Electric

Back Button PQ_18 Datasheet HTML 8Page - Hirose Electric PQ_18 Datasheet HTML 9Page - Hirose Electric PQ_18 Datasheet HTML 10Page - Hirose Electric PQ_18 Datasheet HTML 11Page - Hirose Electric PQ_18 Datasheet HTML 12Page - Hirose Electric PQ_18 Datasheet HTML 13Page - Hirose Electric PQ_18 Datasheet HTML 14Page - Hirose Electric PQ_18 Datasheet HTML 15Page - Hirose Electric PQ_18 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PQ Series●High Power/Signal Connectors for Industrial Machinery
Crimp Contacts
■Male contact (12.5A/pin type)
■Female contact (12.5A/pin type)
Part No.
HRS No.
Packaging
Applicable Cables
PQ50S -1822PCFA
236-2025-9 00
6,000 pcs/reel 17 to 22 AWG (UL1007), insulator outer diameter max. Ø2.25mm
PQ50SA-1822PCFA
236-2029-0 00
6,000 pcs/reel 17 to 22 AWG (UL1007), insulator outer diameter max. Ø2.25mm
PQ50S -2428PCFA
236-2027-4 00
6,000 pcs/reel 23 to 28 AWG (UL1007), insulator outer diameter max. Ø1.8mm
PQ50SA-2428PCFA
236-2030-9 00
6,000 pcs/reel 23 to 28 AWG (UL1007), insulator outer diameter max. Ø1.8mm
PQ50S -1822PCA
236-2046-9 00
100 pcs/pack
17 to 22 AWG (UL1007), insulator outer diameter max. Ø2.25mm
PQ50SA-1822PCA
236-2048-4 00
100 pcs/pack
17 to 22 AWG (UL1007), insulator outer diameter max. Ø2.25mm
PQ50S -2428PCA
236-2047-1 00
100 pcs/pack
23 to 28 AWG (UL1007), insulator outer diameter max. Ø1.8mm
PQ50SA-2428PCA
236-2049-7 00
100 pcs/pack
23 to 28 AWG (UL1007), insulator outer diameter max. Ø1.8mm
Part No.
HRS No.
Packaging
Applicable Cables
PQ50S-1822SCFA
236-2026-1 00
6,000 pcs/reel 17 to 22 AWG (UL1007), insulator outer diameter max. Ø2.25mm
PQ50S-2428SCFA
236-2028-7 00
6,000 pcs/reel 23 to 28 AWG (UL1007), insulator outer diameter max. Ø1.8mm
PQ50S-1822SCA
236-2050-6 00
100 pcs/pack
17 to 22 AWG (UL1007), insulator outer diameter max. Ø2.25mm
PQ50S-2428SCA
236-2051-9 00
100 pcs/pack
23 to 28 AWG (UL1007), insulator outer diameter max. Ø1.8mm
0.7
2.25
1.35
2.15
0.7
2.25
1.35
2.15
PQ50S-****PC*A
PQ50SA-****PC*A
Wire gauge
marking
Wire gauge
marking
2.15
2.25
2.15
Wire gauge
marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com