Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060CT Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MBR1060CT
Description  Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBR1060CT Datasheet(HTML) 1 Page - Mospec Semiconductor

  MBR1060CT Datasheet HTML 1Page - Mospec Semiconductor MBR1060CT Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
MBR1030CT Thru MBR1060CT
Switchmode
Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier metal. These
state-of-the-art geometry features epitaxial construction with oxide passivation
and metal overlay contact. Ideally suited for low voltage, high frequency
rectification, or as free wheeling and polarity protection diodes.
Features
* Low Forward Voltage.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalanche.
* Guard-Ring for Stress Protection.
* Low Power Loss & High efficiency.
* 175℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction.
* Plastic Material used Carries Underwriters Laboratory
Mecnanical Data
*
Case :JEDEC TO-220AB molded plastic body
*
Termals:Plated lead,solderable per MIL-STD-750, Method 2026
*
Polarity:As marked
*
Mounting Torqure: 5 in-lbs. max
*
Weight:1.7 g approx.
*
High temperature soldering guaranteed 260℃/10 seconds
Plating pb free is indicated by box
MAXIMUM RATINGS
MBR10
Characteristic
Symbol
30CT 35CT 40CT 45CT 50CT 60CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
25
28
32
35
42
V
Average Rectifier Forward Current
Total Device (Rated VR),TC=100℃
IF(AV)
5.0
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
10
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
100
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +175
℃
SCHOTTKY BARRIER
RECTIFIERS
10 AMPERES
30-60 VOLTS
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90
Common cathode
Suffix “C”
ELECTRIAL CHARACTERISTICS
MBR10
Characteristic
Symbol
30CT 35CT 40CT 45CT 50CT 60CT
Unit
Maximum Instantaneous Forward Voltage
( IF =5 Amp TC = 25℃)
( IF =5 Amp TC = 125℃)
VF
0.65
0.56
0.75
0.65
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
0.01
20
mA
Typical Thermal Resistance junction to
case
Rθ jc
2.8
℃
/w


Similar Part No. - MBR1060CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1060CT DIODES-MBR1060CT Datasheet
64Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Micro Commercial Compon...
MBR1060CT MCC-MBR1060CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1060CT DIODES-MBR1060CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1060CT TSC-MBR1060CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1060CT TSC-MBR1060CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR1060CT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRAF0570 MOSPEC-SRAF0570 Datasheet
164Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1070 MOSPEC-SRF1070 Datasheet
180Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1630CE MOSPEC-SRF1630CE Datasheet
194Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1670CE MOSPEC-SRF1670CE Datasheet
182Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF2030CE MOSPEC-SRF2030CE Datasheet
186Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF3070 MOSPEC-SRF3070 Datasheet
178Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF30120C MOSPEC-SRF30120C Datasheet
156Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
URAF0505 MOSPEC-URAF0505 Datasheet
145Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
MBR30200CJ MOSPEC-MBR30200CJ Datasheet
129Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1030 MOSPEC-SRF1030 Datasheet
142Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com