Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CL Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MBRF20100CL
Description  Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MBRF20100CL Datasheet(HTML) 1 Page - Mospec Semiconductor

  MBRF20100CL Datasheet HTML 1Page - Mospec Semiconductor MBRF20100CL Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
MBRF20100CL
Switchmode
Full Plastic Dual Schottky Barrier Power Rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal.
The proprietary barrier technology allows for
reliable operation up to 175℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptors, DC/DC converters, free-
wheeling and polarity protection diodes.
Features
*
Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
175℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
20 AMPERES
MAXIMUM RATINGS
Characteristic
Symbol
MBRF20100CL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectifier Forward Current ( per diode )
Total Device (Rated VR), TC=125℃
IF(AV)
10
20
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
IFM
20
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
150
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +175
℃
100 VOLTS
ITO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.90
15.30
B
13.20
13.50
C
9.9
10.30
D
6.50
6.70
E
2.50
2.80
F
1.10
1.40
G
1.10
1.40
H
0.50
0.80
I
2.30
2.70
J
3.00
3.30
K
1.10
1.30
L
0.50
0.80
M
4.30
4.70
N
1.10
1.30
O
3.20
3.50
P
2.50
2.80
Q
THERMAL RESISTANCES
Typical Thermal Resistance junction to case ( per device )
Rθj-c
3.4
℃
/w
3.20
3.50
R
3.40
3.80
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ. Max.
Unit
Maximum Instantaneous Forward Voltage ( per diode )
( IF =0.1 Amp TC = 25℃)
---
0.29 0.35
( IF =5.0 Amp TC = 25℃)
---
0.60 0.66
( IF =10 Amp TC = 25℃)
VF
---
0.78 0.85
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
--
--
0.08
15
0.1
30
mA


Similar Part No. - MBRF20100CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MBRF20100C MOSPEC-MBRF20100C Datasheet
148Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Multicomp Pro
MBRF20100C MULTICOMP-MBRF20100C Datasheet
1,022Kb / 3P
Schottky Barrier Rectifier
29/01/20 V1.0
logo
Thinki Semiconductor Co...
MBRF20100CA THINKISEMI-MBRF20100CA Datasheet
446Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA Datasheet
427Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF20100CA THINKISEMI-MBRF20100CA_V01 Datasheet
427Kb / 2P
20 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
More results

Similar Description - MBRF20100CL

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRAF0570 MOSPEC-SRAF0570 Datasheet
164Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1070 MOSPEC-SRF1070 Datasheet
180Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1630CE MOSPEC-SRF1630CE Datasheet
194Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1670CE MOSPEC-SRF1670CE Datasheet
182Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF2030CE MOSPEC-SRF2030CE Datasheet
186Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF3070 MOSPEC-SRF3070 Datasheet
178Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF30120C MOSPEC-SRF30120C Datasheet
156Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
URAF0505 MOSPEC-URAF0505 Datasheet
145Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
MBR30200CJ MOSPEC-MBR30200CJ Datasheet
129Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
SRF1030 MOSPEC-SRF1030 Datasheet
142Kb / 2P
Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com