Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS18 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # MS18
Description  Surface Mount Schottky Barrier rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MS18 Datasheet(HTML) 1 Page - Mospec Semiconductor

  MS18 Datasheet HTML 1Page - Mospec Semiconductor MS18 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
MS17 thru MS19
Surface Mount
Schottky Barrier rectifiers
Using the Schottky Barrier principle with a Molybdenum barrier meta.
These state-of-the-art geometry features epitaxial construction with
oxide passivation and metal overlay contact. Ideally suited for low
voltage, high frequency rectification, or as free wheeling and polarity
protection diodes, in surface mount applications where compact size
and weight are critical to the system.
Featres
*
Low Forward Voltage.
*
Low Switching noise.
*
High Current Capacity
*
Guarantee Reverse Avalanche.
*
Guard-Ring for Stress Protection.
*
Low Power Loss & High efficiency.
*
150℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction.
*
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
*
ESD: 8KV(Min.) Human-Body Model
* In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY BARRIER
RECTIFIERS
1.0 AMPERES
MAXIMUM RATINGS
Characteristic
Symbol
MS17
MS18
MS19
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectifier Forward Current
IO
1.0
A
Non-Repetitive Peak Surge Current (Surge
applied at rate load conditions halfware,
single phase, 60Hz)
IFSM
25
A
Operating and Storage Junction
Temperature Range
TJ , TSTG
-65 to +150
℃
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθ j-c
60
℃
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
MS17
MS18
MS19
Maximum Instantaneous Forward Voltage
( IF =1.0 Amp )
( IF =3.0 Amp )
VF
0.450
0.750
0.550
0.875
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃ )
( Rated DC Voltage, TC = 125℃ )
IR
0.5
20
mA
Typical Junction Capacitance
( Reverse Voltage of 4 volts & f=1 MHz )
CP
85
75
PF
20-40 VOLTS
DO-214AA(SMB)
MILLIMETERS
DIM
MIN
MAX
A
3.30
3.90
B
4.20
4.60
C
1.80
2.20
D
5.10
5.60
E
1.90
2.50
F
1.30
G
0.22
H
0.95
1.35
CASE---
Transfer molded
plastic
OLARITY---
Cathode indicated
polarity band


Similar Part No. - MS18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MS18 PANJIT-MS18 Datasheet
109Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS18 KISEMICONDUCTOR-MS18 Datasheet
5Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Tyco Electronics
MS18-1006 MACOM-MS18-1006 Datasheet
123Kb / 2P
High Performance Solid State Relay
logo
Glenair, Inc.
MS18062 GLENAIR-MS18062 Datasheet
60Kb / 1P
Military Standard Connector Index
logo
Hirose Electric
MS180LH1-HRMJ-088V100 HIROSE-MS180LH1-HRMJ-088V100 Datasheet
381Kb / 8P
Subminiature Coaxial Switch 0.85 mm High, DC to 11 GHz
More results

Similar Description - MS18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com