Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03069 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03069
Description  SAW Filter 611.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03069 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03069 Datasheet HTML 1Page - Golledge Electronics Ltd MP03069 Datasheet HTML 2Page - Golledge Electronics Ltd MP03069 Datasheet HTML 3Page - Golledge Electronics Ltd MP03069 Datasheet HTML 4Page - Golledge Electronics Ltd MP03069 Datasheet HTML 5Page - Golledge Electronics Ltd MP03069 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 611.0MHz
Model: TA0914A
Part No: MP03069
Rev No: 2
TA0914A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: 0°C to +50°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
611
-
-
Insertion loss (608 ~ 614MHz) IL
dB
-
1.7
2.7
-
Amplitude Ripple (608 ~ 614MHz)
dB
-
0.5
1.2
-
Return Loss (608 ~ 614MHz)
dB
10
14
-
-
Attenuation (Reference level from 0dB)
DC ~ 580MHz
dB
45
47
-
-
736 ~ 792MHz
dB
45
52
-
-
792 ~ 1000MHz
dB
40
47
-
-
1000 ~ 2300MHz
dB
20
25
-
-
2300 ~ 3000MHz
dB
12
18
-
-
C. MEASUREMENT CIRCUIT:

HP Netwo rk a nalyz er

SAW Filter
2
6
1, 3, 4, 5, 7, 8


Similar Part No. - MP03069

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03067 GOLLEDGE-MP03067 Datasheet
153Kb / 6P
SAW Filter 996.34MHz
More results

Similar Description - MP03069

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA06408 GOLLEDGE-MA06408 Datasheet
112Kb / 4P
SAW Filter 611.0MHz
MA06409 GOLLEDGE-MA06409 Datasheet
105Kb / 4P
SAW Filter 611.0MHz
MA09688 GOLLEDGE-MA09688 Datasheet
151Kb / 5P
SAW Filter 611.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com