Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM13Q Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM13Q
Description  0.35 關m Sea of Gates Arrays
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM13Q Datasheet HTML 9Page - OKI electronic componets MSM13Q Datasheet HTML 10Page - OKI electronic componets MSM13Q Datasheet HTML 11Page - OKI electronic componets MSM13Q Datasheet HTML 12Page - OKI electronic componets MSM13Q Datasheet HTML 13Page - OKI electronic componets MSM13Q Datasheet HTML 14Page - OKI electronic componets MSM13Q Datasheet HTML 15Page - OKI electronic componets MSM13Q Datasheet HTML 16Page - OKI electronic componets MSM13Q Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s MSM13Q0000/14Q0000 s
11
Oki Semiconductor
Automatic Test Pattern Generation
Oki’s 0.35 µm ASIC technologies support Automatic Test Pattern Generation (ATPG) using full scan-
path design techniques, including the following:
• Increases fault coverage
≥95%
• Uses Synopsys Test Compiler
• Inserts scan structures automatically
• Connects scan chains
• Traces and reports scan chains
• Checks for rule violations
• Generates complete fault reports
• Allows multiple scan chains
• Supports vector compaction
ATPG methodology is described in detail in Oki’s 0.35 µm Scan Path Application Note.
Floorplanning Design Flow
Oki offers three floorplanning tools for high-density ASIC design. The two main purposes for Oki’s floor-
planning tool are to:
• Ensure conformance of critical circuit performance specifications
• Shorten overall design turnaround time (TAT)
The supported floorplanners are: Cadence DP3, Gambit GFP, and Oki’s internal floorplanner.
In a traditional design approach with synthesis tools, timing violations after prelayout simulation are
fixed by manual editing of the netlist. This process is difficult and time consuming. Also, there is no
physical cluster information provided in the synthesis tool, and so it is difficult to synthesize logic using
predicted interconnection delay due to wire length. Therefore, synthesis tools may create over-optimized
results.
To minimize these problems, Synopsys proposed a methodology called Links to Layout (LTL). Based on
this methodology, Oki developed an interface between Oki’s floorplanners and the Synopsys environ-
ment, called Link Synopsys to Floorplanner (LSF). Because not all Synopsys users have access to the Syn-
opsys Floorplan Management tool, Oki developed the LSF system to support both users who can access
Scan Data In
Scan Select
D
C
SD
SS
Q
QN
D
C
SD
SS
A
B
Combinational Logic
FD1AS
FD1AS
Scan Data Out
Q
QN
Figure 6. Full Scan Path Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com