Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4565G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M4565G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4565G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M4565G-P08-R Datasheet HTML 1Page - Unisonic Technologies M4565G-P08-R Datasheet HTML 2Page - Unisonic Technologies M4565G-P08-R Datasheet HTML 3Page - Unisonic Technologies M4565G-P08-R Datasheet HTML 4Page - Unisonic Technologies M4565G-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M4565
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 4
www.unisonic.com.tw
QW-R105-022.B
T Y PI CAL CH ARACT ERI ST I CS
9
-25
-50
Ambient Temperatur, Ta (℃)
0
8
7
25
75
Operating Current vs.Temperature
6
5
4
3
2
1
50
100
125
Equivalent Input Noise Voltage vs. Frequency
V
+/V-=±15V
15
-25
-50
Ambient Temperatur, Ta ( ℃)
0
14
25
75
Maximum Output Voltage Swing
vs.Temperature
13
-14
-15
50
100
125
-13
V
+/V-=±15V,RL=2kΩ
~
~
50
1k
0
Frequency, f (Hz)
40
10k
100k
Voltage Gain Phase vs. Frequency
30
20
10
1M
0
0
-60
-120
-180
ψ
Gv
V
+/V-=±15V,RL=2kΩ
40dBAmp,Ta=25℃
30
0.1
0.01
Load Resistance, RL (kΩ)
1
20
10
10
100
Maximum Output Voltage Swing vs. Load
Resistance
V+/V-=±15V,Ta=25℃
60.0
48.0
54.0
42.0
36.0
30.0
25.0
18.0
12.0
6.0
0
310
100
1k
V
+/V-=±15V
Rs=1kΩ
Ta=25℃
Frequency, f (Hz)
32
24
100
10
Frequency, f (Hz)
Maximum Output Voltage Swing vs. Frequency
1k
1M
28
20
16
12
8
4
0
10k
100k
RL=2kΩ
RL=400Ω
36
V
+/V-=±15V,Ta=25℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com