Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC1458G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC1458G-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC1458G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC1458G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC1458G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC1458G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC1458G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC1458
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R105-008.E
ABSOLU T E M AX I M U M RAT I N GS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-22 ~ +22
V
Differential Input Voltage
VI(DIFF)
-30 ~ +30
V
Input Voltage
VIN
-15 ~ +15
V
SOP-8
300
mW
Power Dissipation
DIP-8
PD
500
mW
Output Short Circuit Duration
Infinite
Operating Ambient Temperature Range
TOPR
0 ~ 70
C
Storage Temperature Range
TSTG
-65~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS (VCC= ±15V, TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TA=+25C
1
5
mV
Input Offset Voltage (RS
≤10k)
VI(OFF)
0
C≤TA≤70C
6
mV
TA=+25C
2
200
nA
Input Offset Current
II(OFF)
0
C≤TA≤70C
300
nA
TA=+25C
30
500
nA
Input Bias Current
II(BIAS)
0
C≤TA≤70C
800
nA
TA=+25C
50
200
V/mV
Large Signal Voltage Gain
(Vo=+-10V,RL=2k
)
GV
0
C≤TA≤70C
25
V/mV
TA=+25C
77
90
dB
Supply Voltage Rejection Ratio
(Rs
≤10k)
SVR
0
C≤TA≤70C
77
dB
TA=+25C
2.3
5
mA
Supply Current(all Amp, no Load)
ICC
0
C≤TA≤70C
6
mA
TA=+25C
±12
V
Input Common Mode Voltage Range
VIN(CM)
0
C≤TA≤70C
±12
V
TA=+25C
70
90
dB
Common-Mode Rejection Ratio
(RS
≤10k)
CMR
0
C≤TA≤70C
70
dB
Output Short-Circuit Current
IOS
TA=+25C
10
20
35
mA
RL=10k
Ω
12
14
V
TA=+25C
RL=2k
Ω
10
13
V
RL=10k
Ω
12
V
Output Voltage Swing
±VOPP
0
C≤TA≤70C
RL=2k
Ω
10
V
Slew Rate
SR
VIN=±10V, RL=2k
Ω, CL=100pF,
TA=+25C, unity gain
0.2
0.8
V/
μs
Rise Time
tr
VIN=20mV, RL=2k
Ω, CL=100pF,
TA=+25C, unity gain
0.3
μs
Over-Shoot
KOS
VIN=20mV, RL=2k
Ω,CL=100pF,
TA=+25C, unity gain
5
%
Input Resistance
RIN
0.3
2
M
Ω
Common-Mode Input Impedance
ZIN
200
M
Ω
Input Capacitance
CIN
1.4
pF
Output Resistance
ROUT
75
Ω
Full Power Bandwidth
FBW
RL=2k
Ω,VOUT ≥±10V,
GV=1,THD
≤ 5%
14
KHz
Unity Gain Bandwidth
GBW
VIN=10mV, RL=2k
Ω, CL=100pF,
TA=+25C
1
MHz
Gain Bandwidth Product
GBP
VIN=10mV,RL=2k
Ω, CL=100pF,
t=100kHz,TA=+25C
0.4
1
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com