Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4560L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC4560L-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4560L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC4560L-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4560L-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4560L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4560L-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4560L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC4560
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R105-014.C
T Y PI CAL CH ARACT ERI ST I CS
Maximum Output Voltage Swing vs. Load
Resistance
0.5
16
12
Load Resistance, RL (kΩ)
24
2
100
10
10
20
10
100
0.1
20
28
1k
500
Equivalent Input Noise Voltage vs.
Frequency
0.2
1
5
1
Frequency, f (Hz)
(V
+/V- =15V, Ta=25℃)
200
100
0
50
(V
+/V- =15V, Rs = 50, Av = 60dB, Ta=25℃)
Operating Current vs. Temperature
0
2
0
Ambient Temperature, Ta (℃)
6
75
13
-14
0
-13
125
75
-50
4
8
125
Maximum Output Voltage Swing vs.
Temperature
-25
100
-50
(V
+/V- =15V
14
15
-12
50
25
9
7
5
3
1
100
50
25
-25
Ambient Temperature, Ta (℃)
(V
+/V- =15V, R
L = 2KΩ)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com