Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4560G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC4560G-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4560G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC4560G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4560G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4560G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4560G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4560G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
MC4560
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R105-014.C
DU AL OPERAT I ON AL
AM PLI FI ER
DESCRI PT I ON
The UTC MC4560 is a dual operational amplifier suitable for
driving 20V peak-to-peak into 400
Ω loads. It offer many features
which provide the capability of wider bandwidth, and higher slew rate
to make it ideal for active filters, data and telecommunications, and
many instrumentation applications.
FEAT U RES
*Operating Voltage
(±4V~±18V)
*Wide Gain Bandwidth Product.
(10MHz typ.)
*Slew Rate
(4V /
s typ.)
*Bipolar Technology
MSOP-8
SOP-8
DIP-8
 ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
MC4560L-D08-T
MC4560G-D08-T
DIP-8
Tube
MC4560L-S08-R
MC4560G-S08-R
SOP-8
Tape Reel
MC4560L-SM1-R
MC4560G-SM1-R
MSOP-8
Tape Reel
MC4560G-D08-T
(1)Packing Type
(2)Package Type
(3)Green Package
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8, SM1: MSOP-8
(3) G: Halogen Free and Lead Free, L: Lead Free
M ARK I N G
DIP-8
SOP-8 / MSOP-8


Similar Part No. - MC4560G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4560 UTC-MC4560 Datasheet
190Kb / 5P
LINEAR INTEGRATED CIRCUIT
MC4560 UTC-MC4560 Datasheet
181Kb / 6P
DUAL OPERATIONAL AMPLIFIER
MC4560-D08-T UTC-MC4560-D08-T Datasheet
181Kb / 6P
DUAL OPERATIONAL AMPLIFIER
MC4560-D08-T UTC-MC4560-D08-T Datasheet
181Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560-S08-R UTC-MC4560-S08-R Datasheet
181Kb / 6P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MC4560G-S08-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com