Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3632L-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3632L-P14-R
Description  DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632L-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3632L-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632L-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PA3632
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 9
www.unisonic.com.tw
QW-R107-071.D
ABSOLU T E M AX I M U M RAT I N G (over operating free-air temperature range, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage, VDD to GND
-0.3~4
V
Input Voltage
VI
VSS-0.3 ~ VDD+0.3
V
Minimum Load Impedance-Line Outputs-OUTL, OUTR
RL
600
Mute to GND, UVP to GND
-0.3 ~ VDD+0.3
V
Maximum Operating Junction Temperature Range
TJ
-40 ~ +150
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL I N FORM AT I ON
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
130
°C/W
Junction to Case
θJC
49
°C/W
RECOM M EN DED OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
VDD
DC supply voltage
3
3.3
3.6
V
Load Impedance
RL
0.6
10
k
Low-Level Input Voltage
VIL
Mute
40
%VDD
High-Level Input Voltage
VIH
Mute
60
%VDD
Ambient Temperature
TA
-40
25
85
°C
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, Charge pump: CP=1µF, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Offset Voltage
|VOS|
VDD=3.3V
0.5
1
mV
Power-Supply Rejection Ratio
PSRR
80
dB
High-Level Output Voltage
VOH
VDD=3.3V
3.1
V
Low-Level Output Voltage
VOL
VDD=3.3V
-3.05
V
External UVP Detect Voltage
VUVP_EX
1.25
V
External UVP Detect Hysteresis
Current
VUVP_EX_HYSTE
RESIS
5
µA
Charge-Pump Switching Frequency
fCP
200
300
400
kHz
High-Level Input Current, Mute
|IIH|
VDD=3.3V, VIH=VDD
1
µA
Low-Level Input Current, Mute
|IIL|
VDD=3.3V, VIL=0V
1
µA
IDD
VDD=3.3V, no load, Mute =VDD,
no load
5
14
25
mA
Supply Current
VDD=3.3V, no load, Mute =GND,
disabled
14
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com