Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6204L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA6204L-S08-R
Description  1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6204L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA6204L-S08-R Datasheet HTML 1Page - Unisonic Technologies PA6204L-S08-R Datasheet HTML 2Page - Unisonic Technologies PA6204L-S08-R Datasheet HTML 3Page - Unisonic Technologies PA6204L-S08-R Datasheet HTML 4Page - Unisonic Technologies PA6204L-S08-R Datasheet HTML 5Page - Unisonic Technologies PA6204L-S08-R Datasheet HTML 6Page - Unisonic Technologies PA6204L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PA6204
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R502-854.d
ABSOLU T E M AX I M U M RAT I N G (Over operating free-air temperature range unless otherwise noted )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 6
V
Input Voltage
VI
-0.3 ~ VDD+0.3
V
Power Dissipation (TA=25C)
PD
Internally Limited
W
Junction Temperature
TJ
-40 ~ +150
°C
Operating Free-air Temperature
TA
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Derating factor based on high-k board layout.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
140
°
С/W
MSOP-8
210
°
С/W
Junction to Ambient
DFN3030-8
θJA
59
°
С/W
SOP-8
35
°
С/W
MSOP-8
56
°
С/W
Junction to Case
DFN3030-8
θJC
4.3 (Note)
°
С/W
Note: Surface mounted on 1 in
2 copper pad of FR4 board.
RECOM M EN DED OPERAT I N G CON DI T I ON S
PACKAGE
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
2.5
5.5
V
High-level Input Voltage
SHUTDOWN
VIH
1.55
V
Low-level Input Voltage
SHUTDOWN
VIL
0.5
V
Operating Free-air Temperature
TA
-40
85
°C
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Offset Voltage
(Measured Differentially)
VOS
VI=0V differential, Gain=1V/V,
VDD=5.5V
-9
0.3
9
mV
Power Supply Rejection Radio
PSRR
VDD=2.5V~5.5V
-85
-60
dB
Common Mode Input Range
VIC
VDD=2.5V~5.5V
0.5
VDD-0.8
V
VDD=5.5V, VIC=0.5V~4.7V
-63
-40
Common Mode Rejection Ratio
CMRR
VDD=2.5V, VIC=0.5V~1.7V
-63
-40
dB
VDD=5.5V
0.45
VDD=3.6V
0.37
Low-Output Swing
RL=8
Ω, Gain=1V/V
VIN+=0V, V IN-=VDD
VDD=2.5V
0.26
0.4
V
VDD=5.5V
4.95
VDD=3.6V
3.18
High-Output Swing
RL=8
Ω, Gain=1V/V
VIN+=VDD, VIN-=0V
VDD=2.5V
2
2.13
V
High-Level Input Current, SHUTDOWN
|IIH|
VDD=5.5V, VI=5.8V
58
100
μA
Low-Level Input Current, SHUTDOWN
|IIL|
VDD=5.5V, VI=-0.3V
3
100
μA
Quiescent Current
IQ
VDD=2.5V~5.5V, No Load
4
6
mA
Supply Current
I(SD)
V( SHUTDOWN )≤0.5V,
VDD=2.5V~5.5V, RL=8
Ω
0.01
1
μA
Gain
RL=8
Ω
I
R
38k
Ω
I
R
40k
Ω
I
R
42k
Ω
V/V
Resistance From Shutdown To
GND
100
k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com