Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6204G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA6204G-S08-R
Description  1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6204G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA6204G-S08-R Datasheet HTML 1Page - Unisonic Technologies PA6204G-S08-R Datasheet HTML 2Page - Unisonic Technologies PA6204G-S08-R Datasheet HTML 3Page - Unisonic Technologies PA6204G-S08-R Datasheet HTML 4Page - Unisonic Technologies PA6204G-S08-R Datasheet HTML 5Page - Unisonic Technologies PA6204G-S08-R Datasheet HTML 6Page - Unisonic Technologies PA6204G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
PA6204
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-854.d
1 .7 -W M ON O FU LLY
DI FFEREN T I AL AU DI O POWER
AM PLI FI ER
DESCRI PT I ON
The UTC PA6204 is a mono fully-differential audio amplifier,
capable of delivering 1.7W of continuous average power to an 8-
Ω
BTL load with less than 10% distortion from a 5V power supply.
The UTC PA6204 is ideal for PDA/smart phone applications due
to features such as -80-dB supply voltage rejection from 20Hz to
2kHz, improved RF rectification immunity, small 20mm
2 total PCB
area, and a fast startup with minimal pop. The device operates from
2.5V to 5.5V, drawing only 4mA of quiescent supply current.
The UTC PA6204 is suitable for diverse applications, such as
PDAs, Wireless or cellular handsets, Portable devices.
FEAT U RES
* 1.7W into 8
Ω from a 5-V supply at THD=10% (Typ.)
* 2.5V-5.5V operation
* Low supply current: 4mA typ at 5V
* Ultra low current shutdown mode
* Only three external components
- Improved PSRR (-80dB) for direct battery operation
- Fully differential design reduces RF rectification
- -63dB CMRR eliminates two input coupling capacitors
* Fast startup with minimal pop
SOP-8
DFN3030-8
MSOP-8
1
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
PA6204L-S08-R
PA6204G-S08-R
SOP-8
Tape Reel
PA6204L-SM1-R
PA6204G-SM1-R
MSOP-8
Tape Reel
PA6204L-K08-3030-R
PA6204G-K08-3030-R
DFN3030-8
Tape Reel


Similar Part No. - PA6204G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA6204G-S08-R UTC-PA6204G-S08-R Datasheet
174Kb / 6P
1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - PA6204G-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1 TI1-TPA6204A1_17 Datasheet
1Mb / 26P
1.7-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com