Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6204G-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA6204G-SM1-R
Description  1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6204G-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA6204G-SM1-R Datasheet HTML 1Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 2Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 3Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 4Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 5Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 6Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PA6204
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 7
www.unisonic.com.tw
QW-R502-854.d
OPERAT I N G CH ARACT ERI ST I CS (TA=25°C, Gain=1V/V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD=5V
1.36
VDD=3.6V
0.72
THD+N=1%,
f=1kHz, RL=8
Ω
VDD=2.5V
0.33
W
VDD=5V
1.7
VDD=3.6V
0.85
Output Power
PO
THD+N=10%,
f=1kHz, RL=8
Ω
VDD=2.5V
0.4
W
VDD=5V, PO=1W, RL=8
Ω, f=1kHz
0.02
VDD=3.6V, PO=0.5W, RL=8
Ω, f=1kHz
0.02
Total Harmonic Distortion Plus
Noise
THD+N
VDD=2.5V, PO=200mW, RL=8
Ω,
f=1kHz
0.03
%
f=217Hz
-80
Supply Ripple Rejection Ratio
KSVR
VDD=3.6V, Inputs
Ac-grounded With
CI=2µF,
V(RIPPLE)=200mVpp
f=20Hz~20kHz
-70
dB
Signal-To-Noise Radio
SNR
VDD=5V, PO=1W, RL=8
Ω
105
dB
No Weighting
15
Output Voltage Noise
VN
VDD=3.6V,
f=20Hz~20kHz,
Inputs Ac-grounded
With CI=2µF
A Weighting
12
µVRMS
Common Mode Rejection Radio
CMRR
VDD=3.6V, VIC=1VPP f=217Hz
-65
dB
Feedback Resistance
RF
38
40
44
k
Ω
Start-up Time From Shutdown
VDD=3.6V, CBYPASS=0.1µF
27
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com