Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB930 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB930
Description  For Power Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB930 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB930 Datasheet HTML 1Page - Panasonic Semiconductor 2SB930 Datasheet HTML 2Page - Panasonic Semiconductor 2SB930 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB0930, 2SB0930A
2
SJD00012BED
VCE(sat)  IC
hFE  IC
fT  IC
PC  Ta
IC  VCE
IC  VBE
0
160
40
120
80
0
10
20
30
40
50
(1)TC
= T
a
(2)With a 50 mm
× 50 mm
× 2 mm Al heat sink
(3)Without heat sink
(PC
= 1.3 W)
(1)
(3)
(2)
Ambient temperature T
a (°C)
0
0
−12
−2
−10
−4
−8
−6
−6
−5
−4
−3
−2
−1
TC
= 25°C
−100 mA
−80 mA
−60 mA
−40 mA
−20 mA
−10 mA
−8 mA
−5 mA
IB
= −120 mA
Collector-emitter voltage V
CE (V)
0
−2.0
−1.6
−1.2
− 0.8
− 0.4
0
−2
−4
−6
−10
−8
TC
= 100°C
−25°C
25
°C
VCE
= −4 V
Base-emitter voltage V
BE (V)
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
IC / IB
= 10
25
°C
TC
= 100°C
−25°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
1
10
VCE
= −4 V
TC
= 100°C
25
°C
−25°C
Collector current I
C (A)
102
104
103
− 0.01
− 0.1
−1
−10
1
10
VCE
= −5 V
f
= 1 MHz
TC
= 25°C
Collector current I
C (A)
102
104
103
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
Non repetitive pulse
TC
= 25°C
t
= 10 ms
t
= 1 ms
ICP
IC
t
= 300 ms
Collector-emitter voltage V
CE (V)
Safe operation area
Rth  t
10−2
10−1
1
10
103
102
10−4
104
103
102
10
1
10−1
10−2
10−3
(1)
(2)
(1)Without heat sink
(2)With a 50 mm
× 50 mm × 2 mm Al heat sink
Time t (s)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com