Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95L10P Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT95L10P
Description  8-Bit LCD Type Phone Controller MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95L10P Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT95L10P Datasheet HTML 1Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 2Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 3Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 4Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 5Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 6Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95L10P Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
HT95L100/10P
8-Bit LCD Type Phone Controller MCU
Rev. 0.10
1
October 1, 2002
Features
· Provide MASK type and OTP type version
· Operating voltage range: 2.4V~5.5V
· Program ROM: 4K´16 bits
· Data RAM: 1152´8 bits
· Up to 20 bidirectional I/O lines
· 16-bit table read instructions
· Eight-level subroutine nesting
· Timer:
- Two 16-bit programmable Timer/Event Counter
- Real time clock (RTC)
- Watchdog Timer (WDT)
· Programmable frequency divider (PFD)
· Dual system clock: 32768Hz, 3.58MHz
· Four operating modes: Idle mode, Sleep mode,
Green mode and Normal mode
· Up to 1.117ms instruction cycle with 3.58MHz system
clock
· Built-in 3.58MHz DTMF Generator
· LCD driver:
- 20 seg.´8 com.
- 4 segments can per nibble option to bidirectional
I/O lines
- LCD contrast can be adjusted by software or exter-
nal resistor
- Fixed frame frequency 64Hz
· Built-in Low Battery detector
· All instructions in one or two machine cycles
· Built-in dialer I/O
· 64-pin QFP package
Applications
· Deluxe Feature Phone
· Caller ID Phone
· Cordless Phone
· Fax and answering machines
· Other communication system
General Description
The HT95L100/10P are 8-bit high performance
RISC-like microcontrollers with built-in DTMF generator
and dialer I/O which provide MCU dialer implementation
or system control features for telecom product applica-
tion. The phone controller has a built-in program ROM,
data RAM, LCD driver and a maximum of 20 I/O lines for
high end products design. In addition, for power man-
agement purpose, it has a built-in frequency up conver-
sion circuit (32768Hz to 3.58MHz) which provides dual
system clock and four types of operation modes. For ex-
ample it can operate with low speed system clock rate of
32768Hz in green mode with little power consumption. It
can also operate with high speed system clock rate of
3.58MHz in normal mode for high performance opera-
tion. To ensure smooth dialer function and to avoid MCU
shut-down in extreme low voltage situation, the dialer
I/O circuit is built-in to generate hardware dialer signals
such as on-hook, hold-line and hand-free. Built-in real
time clock and programmable frequency divider are pro-
vided for additional fancy features in product develop-
ments. The device is best suitable for feature phone
products that comply with versatile dialer specification
requirements of different areas or countries.
Preliminary


Similar Part No. - HT95L10P

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95L10P HOLTEK-HT95L10P Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT95L10P HOLTEK-HT95L10P Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT95L10P-64QEP-A HOLTEK-HT95L10P-64QEP-A Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
More results

Similar Description - HT95L10P

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
I/O Type Phone 8-Bit MCU
May 26, 2004
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
8-Bit CID Type Phone Controller MCU
October 1, 2002
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
LCD Type Phone 8-Bit MCU
May 26, 2004
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
LCD Type 8-Bit MCU
April 24, 2006
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
LCD Type 8-Bit MCU
April 24, 2006
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
CID Type Phone 8-Bit MCU
May 26, 2005
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
Phone 8-bit MCU
February 17, 2009
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
Phone 8-bit MCU
March 6, 2009
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com