Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MNF Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MNF
Description  26-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 14-BIT Sin/D INTERPOLATION
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MNF Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MNF Datasheet HTML 1Page - IC-Haus GmbH IC-MNF Datasheet HTML 2Page - IC-Haus GmbH IC-MNF Datasheet HTML 3Page - IC-Haus GmbH IC-MNF Datasheet HTML 4Page - IC-Haus GmbH IC-MNF Datasheet HTML 5Page - IC-Haus GmbH IC-MNF Datasheet HTML 6Page - IC-Haus GmbH IC-MNF Datasheet HTML 7Page - IC-Haus GmbH IC-MNF Datasheet HTML 8Page - IC-Haus GmbH IC-MNF Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
preliminary
preliminary
iC-MNF 26-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 14-BIT Sin/D INTERPOLATION
Rev A2, Page 4/104
Multiturn Mode With Synchronization:
Principle PPR And Bit Length
Dependencies . . . . . . . . . . . . . .
65
Direct Output: 3-Ch. Sine-to-Digital
Conversion
(Multiturn Mode Without Synchronization) 65
S/D CONVERSION: SYNCHRONIZATION
MODE AND TYPE OF OUTPUT DATA
66
Synchronization: Nonius And Multiturn Modes 66
Op. Mode Descriptions Of Nonius And
Multiturn Modes . . . . . . . . . . . . .
67
MODE_ST Codes 0x00-0x051 . . . . . . . .
67
MODE_ST Codes 0x06-0x09 . . . . . . . . .
67
MODE_ST Codes 0x0A-0xF . . . . . . . . .
67
MODE_ST Codes 0x10-0x15 . . . . . . . . .
67
MODE_ST Code 0x16-0x17 . . . . . . . . . .
67
MODE_ST Code 0x18-0x19 . . . . . . . . . .
68
MODE_ST Code 0x1A-0x1B . . . . . . . . .
68
MODE_ST Code 0x1C-0x1D . . . . . . . . .
68
MODE_ST Code 0x1E-0x1F . . . . . . . . .
68
Counted vs. Calculated Data . . . . . . . . .
68
Output Data Verification . . . . . . . . . . . .
69
Digital Frequency Monitoring . . . . . . . . .
69
TRACK OFFSET CALIBRATION
70
Segment And Nonius Track . . . . . . . . . .
70
Master Track . . . . . . . . . . . . . . . . . .
70
Automatic Track Offset Calibration . . . . . .
70
MULTITURN INTERFACE
71
General Settings . . . . . . . . . . . . . . . .
71
Configuration Of Data Lengths . . . . . . . .
72
Multiturn: BiSS/SSI Error Handling On
Startup And Multiturn Check . . . . . . .
73
Multiturn: BiSS Interface . . . . . . . . . . . .
75
Multiturn: SSI Interface . . . . . . . . . . . .
76
Multiturn: 2-Bit Mode Parallel 2 . . . . . . . .
77
Multiturn: Direct Communication To Multiturn
Sensor using the BiSS protocol . . . . .
79
Multiturn: Direct Communication To Multiturn
Sensor using the SSI protocol . . . . . .
80
TEMPERATURE SENSOR
81
General Settings . . . . . . . . . . . . . . . .
81
Error Thresholds . . . . . . . . . . . . . . . .
81
Additional BiSS Temperature Data Channel .
82
STATUS REGISTERS AND ERROR
MONITORING
83
Status Register
. . . . . . . . . . . . . . . .
83
Non-Volatile Diagnosis Memory . . . . . . . .
85
Error And Warning Bit Configuration:
BiSS/SSI Protocol And NERR Pin . . .
86
Error And Warning Bit Output Modes:
BiSS/SSI Protocol And NERR Pin . . .
87
General Purpose I/O Pins . . . . . . . . . . .
87
COMMAND REGISTER
89
Execution Of Internal Commands . . . . . . .
89
Automatic Reset Function . . . . . . . . . . .
92
Configurable Reset Pin . . . . . . . . . . . .
93
Configurable Command Pin . . . . . . . . . .
94
AUTOMATIC CALIBRATION FEATURE
95
Calibration Commands and Status . . . . . .
96
Prerequisites for Automatic SLC and Analog
Input Signal Calibration . . . . . . . . .
97
Calibration: Signal Level Controller . . . . . .
97
Calibration: Analog Input Signals . . . . . . .
98
Prerequisites for Track Offset Calibration . .
98
Calibration: Track Offsets . . . . . . . . . . .
98
Monitoring: Track Offsets . . . . . . . . . . .
99
DEVICE TEST (iC-Haus internally)
100
APPLICATION NOTES: PLC Operation
101
PLC Operation . . . . . . . . . . . . . . . . . 101
DESIGN REVIEW: Notes On Chip Functions
102
REVISION HISTORY
103
1 For iC-MNF X1: Please refer to the design review on p. 102.
2 For iC-MNF X1: Please refer to the design review on p. 102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com