Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PTH Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-PTH
Description  6-CH. PHASED ARRAY OPTO ENCODERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PTH Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-PTH Datasheet HTML 1Page - IC-Haus GmbH IC-PTH Datasheet HTML 2Page - IC-Haus GmbH IC-PTH Datasheet HTML 3Page - IC-Haus GmbH IC-PTH Datasheet HTML 4Page - IC-Haus GmbH IC-PTH Datasheet HTML 5Page - IC-Haus GmbH IC-PTH Datasheet HTML 6Page - IC-Haus GmbH IC-PTH Datasheet HTML 7Page - IC-Haus GmbH IC-PTH Datasheet HTML 8Page - IC-Haus GmbH IC-PTH Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
iC-PT H-Series
6-CH. PHASED ARRAY OPTO ENCODERS
Rev B2, Page 4/14
PIN CONFIGURATION
oQFN32-5x5 (5 mm x 5 mm)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PIN FUNCTIONS
No.
Name Function
1 VCC
+3.5 V...+5.5 V Supply Voltage
2 LED
LED Controller, High-Side Current
Source Output
3 PA
Push-Pull Output A+ / Analog Sin+ 1
4 NA
Push-Pull Output A- / Analog Sin-
5 PB
Push-Pull Output B+ / Analog Cos+
6 NB
Push-Pull Output B- / Analog Cos-
7 PZ
Push-Pull Output Z+ / Analog Z+
8 NZ
Push-Pull Output Z- / Analog Z-
9..16 n.c.2
17 SEL
Op. Mode Selection Input:
100% VCC = x2 interpolated
75% VCC = ABZ analog, UVW digital
50% VCC (or pin open) = all analog
25% VCC = x4 interpolated
0% VCC = x1 comparated (native res.)
18 W
Push-Pull Output W / Analog W
19 TIN
Negative Test Current Input 3
20 V
Push-Pull Output V / Analog V
21 TIP
Positive Test Current Input 3
22 U
Push-Pull Output U / Analog U
23 T1
Index Gating Selection Input:
lo = 0.5 T (B-gated),
hi = 1 T (ungated/T-gated),
open = 0.25 T (AB-gated)
24 GND Ground
25..32 n.c.
BP
Backside Paddle 4
IC top marking: <P-CODE> = product code, <A-CODE> = assembly code (subject to changes);
1 Capacitive pin loads must be avoided when using the analog output signals.
2 Pin numbers marked n.c. are not connected.
3 The test pins TIP and TIN may remain unconnected.
4 Connecting the backside paddle is recommended by a single link to GND. A current flow across the paddle is not permissible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com