Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB950 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB950
Description  For Power Amplification And Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB950 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB950 Datasheet HTML 1Page - Panasonic Semiconductor 2SB950 Datasheet HTML 2Page - Panasonic Semiconductor 2SB950 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB0950, 2SB0950A
2
SJD00029BED
VCE(sat)  IC
hFE  IC
Cob  VCB
PC  Ta
IC  VCE
IC  VBE
Safe operation area
Rth  t
0
160
40
120
80
0
10
20
30
40
50
(1)TC=Ta
(2)With a 100
×100×2mm
Al heat sink
(3)With a 50
×50×2mm
Al heat sink
(4)Without heat sink
(PC=2W)
(1)
(4)
(3)
(2)
Ambient temperature T
a (°C)
0
−6
−5
−4
−3
−2
−1
0
−5
−1
−2
−4
−3
TC=25˚C
–2.5mA
–2.0mA
–1.5mA
–1.0mA
–0.5mA
–0.4mA
–0.3mA
–0.2mA
IB=–3.0mA
Collector-emitter voltage V
CE (V)
0
−3.2
− 0.8
−2.4
−1.6
0
−2
−4
−6
−8
−10
Base-emitter voltage V
BE (V)
VCE=–3V
25˚C
TC=100˚C
–25˚C
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
Collector current I
C (A)
IC/IB=250
25˚C
TC=100˚C
–25˚C
− 0.01
− 0.1
−1
−10
102
103
104
105
106
Collector current I
C (A)
VCE=–3V
TC=100˚C
25˚C
–25˚C
− 0.1
−1
−10
−100
1
10
102
103
104
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C
Collector-emitter voltage V
CE (V)
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
t=1ms
t=10ms
ICP
IC
Non repetitive pulse
TC=25˚C
DC
10−2
10−1
1
10
103
102
10−4
104
103
102
10
1
10−1
10−2
10−3
Time t (s)
(1)
(2)
(1)Without heat sink
(2)With a 100
×100×2mm Al heat sink



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com