Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C20P Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT95C20P
Description  8-Bit LCD Type Phone Controller MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C20P Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT95C20P Datasheet HTML 19Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C20P Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
HT95L100/10P
Rev. 0.10
23
October 1, 2002
Preliminary
LCD driver
The LCD driver can directly drive an LCD panel with 1/8
duty and 1/4 bias. The frame of this LCD driver is fixed
for 64Hz.
LCD driver uses the voltage of the VLCD pin as the
power source. To adjust the view angle, the programmer
can select the real LCD power by the flags VCON0 and
VCON1. The flag LCDON is used to turn On/Off the LCD
display. Note that the VLCD voltage must equal or be
less than VDD.
Segment/Common to I/O selection
For the flexible purpose, some of the LCD SEGMENT
pins are shared with the input/output port.
HT95L100/10P provides 4 pins to be selected to SEG-
MENT output pins or I/O pins.
LCD display memory
The phone controller provides an area on embedded
data memory for LCD display. The LCD display memory
are located at bank 1BH and can be read and written to,
only by indirect addressing mode using MP1. When
data is written into the display data area it is automati-
cally read by the LCD driver which then generates the
corresponding LCD driving signals, to turn the display
On or Off, a
²1² or ²0² is written to the corresponding bit
of the display memory, respectively. All of the LCD dis-
play memories are with random values after the power
on reset and unchanged after other reset conditions.
Register
Label
Bits
R/W
Function
LCDC
(2DH)
LBEN
2
RW
Low battery detection switch
0: disable the low battery detection
1: enable the low battery detection
¾
3,1,0
RO
Unused bit, read as
²0²
LBFG
4
RO
Low battery detection flag
1: LBIN pin voltage is less than 1.25V
0: LBIN pin voltage is not less than 1.25V
VCON0
VCON1
5
6
RW
LCD contrast adjusting
Bit6,5=00: LCD voltage supply is 0.66
´VLCD
Bit6,5=10: LCD voltage supply is 0.82
´VLCD
Bit6,5=01: LCD voltage supply is 0.93
´VLCD
Bit6,5=11: LCD voltage supply is 1.00
´VLCD
LCDON
7
RW
1: Turn on the LCD display
0: Turn off the LCD display
LCDIO
(28H)
¾
4~0
7~6
RO
Unused bit, read as
²0²
SPE0
5
RW
0: SEG16~SEG19 pins are LCD segment output
1: SEG16~SEG19 pins are PE0~PE3 pins
COM7 to COM0 for HT95L100/10P
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
8CH
SEG0
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
8DH
SEG1
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
¾¾
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
9EH
SEG18
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0
9FH
SEG19
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com