Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB968 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB968
Description  For Low-Frequency Output Amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB968 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB968 Datasheet HTML 1Page - Panasonic Semiconductor 2SB968 Datasheet HTML 2Page - Panasonic Semiconductor 2SB968 Datasheet HTML 3Page - Panasonic Semiconductor 2SB968 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB0968
2
SJD00035AED
VBE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
VCE(sat)  IC
Cob  VCB
VCER  RBE
ICEO  Ta
0
0
160
40
120
80
4
12
8
16
TC=Ta
Ambient temperature T
a (°C)
0
−10
−2
−4
−8
−6
0
−4.0
−3.5
−3.0
−2.5
−2.0
−1.5
−1.0
− 0.5
TC=25˚C
IB=–40mA
–5mA
–10mA
–15mA
–20mA
–25mA
–30mA
–35mA
Collector-emitter voltage V
CE (V)
− 0.01
− 0.01
− 0.1
−1
−10
− 0.1
−1
Collector current I
C (A)
IC/IB=10
TC=100˚C
25˚C
–25˚C
− 0.01
− 0.01
−1
− 0.1
− 0.1
−1
−10
IC/IB=10
TC=–25˚C
25˚C
100˚C
Collector current I
C (A)
− 0.01
−1
− 0.1
1
10
100
1 000
VCE=–5V
TC=100˚C
25˚C
–25˚C
Collector current I
C (A)
10
0
240
200
160
120
80
40
Emitter current I
E (mA)
102
103
104
VCB=–5V
f=200MHz
TC=25˚C
−1
−10
−100
0
20
40
60
80
100
120
140
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C
0
−120
−100
−80
−60
−40
−20
0.001
0.01
0.1
1
10
TC=25˚C
Base-emitter resistance R
BE (kΩ)
1
1 000
100
10
0120
20
100
40
80
60
VCE=–12V
Ambient temperature T
a (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com