Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95C30P Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  8-Bit LCD Type Phone Controller MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT95C30P Datasheet HTML 1Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 2Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Pin Name
I/O
Description
Normal I/O
PA0~PA7
I/O
Bidirectional 8-bit input/output ports.
Schmitt trigger input or CMOS output.
See mask option table for pull-high and wake-up function
PB0~PB7
I/O
Bidirectional 8-bit input/output ports.
Schmitt trigger input or CMOS output.
See mask option table for pull-high function
PE0~PE3
O
or
I/O
Bidirectional 4-bit input/output ports.
Schmitt trigger input and CMOS output.
PE0~PE3 can be per nibble optioned to SEG16~SEG19 by software.
See mask option table for pull-high function
Dialer I/O (See the
²Dialer I/O function²)
HFI
I
Schmitt trigger input structure. An external RC network is recommended for input
debouncing.
This pin is pulled low with internal resistance of 200k
W typ.
HFO
O
CMOS output structure.
HDI
I
Schmitt trigger input structure. An external RC network is recommended for input
debouncing.
This pin is pulled high with internal resistance of 200k
W typ.
HDO
O
CMOS output structure.
HKS
I
This pin detects the status of the hook-switch and its combination with HFI/HDI can
control the PO pin output to make or break the line.
PO
O
CMOS output structure controlled by HKS and HFI/HDI pins and which determines
whether the dialer connects or disconnects the telephone line.
DNPO
O
NMOS output structure.
XMUTE
O
NMOS output structure. Usually, XMUTE is used to mute the speech circuit when
transmitting the dialer signal.
Peripherals
DTMF
O
This pin outputs dual tone signals to dial out the phone number. The load resistor should
not be less than 5k
W.
MUSIC
O
This pin outputs the single tone that generated by the PFD generator.
LBIN
I
This pin detects battery low through external R1/R2 to determine threshold voltage.
Absolute Maximum Ratings
Supply Voltage ........................................
-0.3V to 5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................. VSS
-0.3 to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT95L100/10P
Rev. 0.10
4
October 1, 2002
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com