Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-100 Datasheet(PDF) 2 Page - AVX Corporation

Part # 9155-100
Description  Ultra-Low Profile 2.5mm Pitch Battery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-100 Datasheet(HTML) 2 Page - AVX Corporation

  9155-100 Datasheet HTML 1Page - AVX Corporation 9155-100 Datasheet HTML 2Page - AVX Corporation 9155-100 Datasheet HTML 3Page - AVX Corporation 9155-100 Datasheet HTML 4Page - AVX Corporation 9155-100 Datasheet HTML 5Page - AVX Corporation 9155-100 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CONNECT
INTERCONNECT
INTER
2 WAY LOW PROFILE CONNECTOR
NO STOP
PACKING DETAILS
REEL QTY
1500
LEADER
500MM
TRAILER
500MM
SUGGESTED PCB LAYOUT
NOTES:
1. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO
SPECIFICATION 201-01-094.
2. MATERIALS: CONTACT - COPPER ALLOY,
INSULATOR - GLASS FILLED NYLON. COLOR: BLACK.
3. TOLERANCE ±0.20 UNLESS SPECIFIED.
4. PACKING DETAILS SEE TABLE.
5. FOR MATING PAD DETAILS REFER TO PAGE 103.
SECTION A-A
Ultra-Low Profile
2.5mm Pitch Battery
9155-100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com