Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PPG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71421LA55PPG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PPG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  71421LA55PPG8 Datasheet HTML 1Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 2Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 3Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 4Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 5Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 6Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 7Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 8Page - Integrated Device Technology 71421LA55PPG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
5
DC Ele c t ric a l Cha ra c t e rist ic s Ove r t he Ope ra t ing
Te m pe ra t ure a nd Supply Volt a ge Ra nge (V CC = 5 .0 V ± 1 0 % )
NOTE:
1. At Vcc < 2.0V leakages are undefined.
Da t a Re t e nt ion Cha ra c t e rist ic s (LA Version Only)
NOTES:
1. VCC = 2V, TA = +25°C, and is not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not production tested.
Dat a Re t e nt ion Wa ve for m
VCC
CE
4.5V
4.5V
DATA RETENTION MODE
tCDR
tR
VIH
VIH
VDR
VDR
2.0V
2691 drw 04
≥
,
Symbol
Parameter
Test Conditions
71321SA
71421SA
71321LA
71421LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current(1)
CE = VIH, VOUT = 0V to VCC,
VCC - 5.5V
___
10
___
5µA
VOL
Output Low Voltage (I/O0-I/O7)IOL = 4mA
___
0.4
___
0.4
V
VOL
Open Drain Output
Low Voltage (BUSY/INT)
IOL = 16mA
___
0.5
___
0.5
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2691 tbl 05
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
2.0
____
0V
ICCDR
Data Retention Current
VCC = 2.0V, CE > VCC - 0.2V
COM'L
____
100
1500
µA
VIN > VCC - 0.2V or VIN < 0.2V
IND
____
100
4000
µA
tCDR(3)
Chip Deselect to Data Retention Time
0
____
____
ns
tR(3)
Operation Recovery Time
tRC(2)
____
____
ns
2691 tbl 06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com